전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC3485EEPA 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 STC3485EEPA
상세설명  3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC3485EEPA 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC3485EEPA Datasheet HTML 3Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 4Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 5Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 6Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 7Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 8Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 9Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 10Page - List of Unclassifed Manufacturers STC3485EEPA Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STC3485E Datasheet Rev.0.1, Dec.2005
Page    of  11
STC International Limited                          http://www.mcu-memory.com
Driver Output Protection
Excessive output current and power dissipation caused by faults or by bus contention are prevented by two mechanisms. A foldback
current limit on the output stage provides immediate protection against short circuits over the whole common-mode voltage range
(see Typical Operating Characteristics). In addition, a thermal shutdown circuit forces the driver outputs into a high-impedance state
if the die temperature rises excessively.
Propagation Delay
Figures 12 and 13 show the typical propagation delays. Skew time is simply the difference between the low-to-high and high-to-low
propagation delay. Small driver/receiver skew times help maintain a symmetrical mark-space ratio (50% duty cycle).
The receiver skew time, |tPRLH - tPRHL|, is under 10ns (20ns for the STC3485E). The driver skew times are typically under 50ns
for the STC3485E.
Line Length vs. Data Rate
±15kV ESD Protection
As with all STC devices, ESD-protection structures are incorporated on all pins to protect against electrostatic discharges encoun-
tered during handling and assembly. The driver outputs and receiver inputs of the STC3485E family of devices have extra protection
against static electricity. STC’s engineers have developed state-of-the-art structures to protect these pins against ESD of 15kV
without damage. The ESD structures withstand high.
ESD in all states: normal operation, shutdown, and powered down. After an ESD event, Union’s E versions keep working without
latchup or damage. ESD protection can be tested in various ways; the transmitter outputs and receiver inputs of this product family
are characterized for protection to the following limits:
1) ±15kV using the Human Body Model
2) ±15kV using IEC 1000-4-2’s Air-Gap method.
Human Body Model
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and performance of finished equipment; it does not specifically refer to integrated
circuits. The STC3485E family devices help you design equipment that meets Level 4 (the highest level) of IEC 1000-4-2, without
the need for additional ESD-protection components. The major difference between tests done using the Human Body Model and IEC
1000-4-2 is higher peak current in IEC 1000-4-2, because series resistance is lower in the IEC 1000-4-2 model. Hence, the ESD
withstand voltage measured to IEC 1000-4-2 is generally lower than that measured using the Human Body Model. Figure 16a shows
the IEC 1000-4-2 model, and Figure 16b shows the current waveform for the ±8kV IEC 1000-4-2, Level 4 ESD contact-discharge test.
The air-gap test involves approaching the device with a charged probe.
The RS-485 standard covers line lengths up to 4000 feet. Figure 13 shows the system differential voltage for parts driving
4000 feet of 26AWG twisted-pair wire at 125kHz into 120O loads.
Figure 15a shows the Human Body Model and Figure 15b shows the current waveform it generates when discharged into a
low impedance. This model consists of 100pF capacitor charged to the ESD voltage of interest, which is then discharged into
the test device through a 1.5kO ?resistor.


유사한 부품 번호 - STC3485EEPA

제조업체부품명데이터시트상세설명
logo
AUK corp
STC344 AUK-STC344 Datasheet
62Kb / 3P
   NPN Silicon Transistor
STC345 AUK-STC345 Datasheet
237Kb / 3P
   NPN Silicon Transistor
STC345L AUK-STC345L Datasheet
216Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC345L KODENSHI-STC345L Datasheet
219Kb / 5P
   NPN Silicon Transistor
More results

유사한 설명 - STC3485EEPA

제조업체부품명데이터시트상세설명
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com