전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC6342T 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 STC6342T
상세설명  UP Supervisor Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC6342T 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  STC6342T Datasheet HTML 1Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 2Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 3Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 4Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 5Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 6Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 7Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 8Page - List of Unclassifed Manufacturers STC6342T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Pin Information
Pin Configuration
Figure 2. Pin Configuration
5
4
1
3
VC C
RESET
GND
MR
SOT23-5
1
2
3
3
1
2
2
1
4
5
6
5
4
1
2
3
1
2
VC C
GND
RESET
3
VC C
GND
RESET
VC C
RESET
GND
MR
WDI
VC C
GND
WDI
VC C
RESET
GND
RESET
3
4
5
4
5
1
2
3
VC C
GND
PFI
P F O
4
5
6
1
2
3
VC C
GND
PFI
P F O
MR
SOT23-3
5
4
1
3
VC C
GND
MR
RESET
RESET
STC803
STC809
STC810
STC811
STC812
STC823
STC824
RESET
MR
STC825
SOT23-6
STC6342
MR
RESET
STC6343
4
5
6
1
2
3
VC C
GND
PFI
P F O
STC6344
RESET
STC6345
RESET
RESET
2N C
2N C


유사한 부품 번호 - STC6342T

제조업체부품명데이터시트상세설명
logo
Stanson Technology
STC6301D STANSON-STC6301D Datasheet
922Kb / 8P
   N&P Pair Enhancement Mode MOSFET
STC6332 STANSON-STC6332 Datasheet
421Kb / 9P
   The STC6332 is the N & P-Channel enhancement mode power field effect transistor using high cell density DMOS trench technology.
More results

유사한 설명 - STC6342T

제조업체부품명데이터시트상세설명
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com