전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP-15-15-D24 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BCP-15-15-D24
상세설명  Dual Output Mixed Voltage, BCP Models
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

BCP-15-15-D24 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BCP-15-15-D24 Datasheet HTML 1Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 2Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 3Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 4Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 5Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 6Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 7Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 8Page - List of Unclassifed Manufacturers BCP-15-15-D24 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5V and 3.3V, "Half-Brick"
75 Watt, DC/DC Converters
Dual Output
Mixed Voltage, BCP Models
Features
As your new, mixed-logic (5V and 3.3V) design evolves and your current require-
ments change, your new DC/DC converter will not. DATEL’s BCP-5/15-3.3/15-D24
(18-36V input) and BCP-5/15-3.3/15-D48 (36-75V input) are fully isolated DC/DC
converters providing both 5V and 3.3V outputs. Housed in standard "half-brick"
packages (2.3" x 2.4" x 0.525"), the BCP’s can support any combination of 5V and
3.3V loading up to a combined total of 15 Amps. Both outputs are fully isolated
(1500Vdc) and independently line (±0.2%) and load (±0.5% and ±0.6%) regulated.
Both BCP models feature input pi filters, input undervoltage and overvoltage
shutdown, input reverse-polarity protection, output overvoltage protection, current
limiting, and thermal shutdown. Each has an on/off control function, or an optional
sync capability and the two output voltages can be trimmed independently.
BCP Model DC/DC’s deliver low noise (50mVp-p), high efficiency (87%) and are
fully specified for –40 to +100°C operation. Utilization of metal baseplate technology
with threaded inserts permits easy heat-sink attachment and/or pcb mounting. These
devices meet IEC950, UL1950, EN60950 and VDE safety standards, including
BASIC insulation requirements. CB reports are available on request. "D48" models
are CE marked (meet the requirements of LVD).
Figure 1. Simplified Schematic
INNOVATION and EXCELLENCE
®
®
I
I
I
I
I
I
I
I
I
I
I
I
I
Independent 5V and 3.3V outputs
Each output fully regulated
No minimum load requirements
Up to 15 Amps per output
75 Watts total output power
Standard "half-brick" package
UL1950, EN60950 and VDE safety
approvals (BASIC insulation)
Fully isolated, 1500Vdc guaranteed
18-36V or 36-75V input ranges
mark available (75V-input models)
Input under and overvoltage shutdown
Continuous short-circuit protection
Thermal shutdown
+INPUT
–INPUT
SWITCH
CONTROL
+5V OUTPUT
+3.3V OUTPUT
5V RETURN
3.3V RETURN
3.3V TRIM
5V TRIM
MAG AMP
CONTROLLER
PWM
CONTROLLER
REFERENCE &
ERROR AMP
OPTO
ISOLATION
ON/OFF
CONTROL
(SYNC)
UV & OV
COMPARATORS
REFERENCE &
ERROR AMP
DATEL, Inc., Mansfield, MA 02048 (USA) · Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 · Email: sales@datel.com · Internet: www.datel.com


유사한 부품 번호 - BCP-15-15-D24

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C_18 Datasheet
305Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
624Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

유사한 설명 - BCP-15-15-D24

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP80U-0522T VOLGEN-SP80U-0522T Datasheet
282Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com