전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC58NVG1S8BFT00 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC58NVG1S8BFT00
상세설명  TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVG1S8BFT00 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC58NVG1S8BFT00 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 3Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 4Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 5Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 6Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 7Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 8Page - Toshiba Semiconductor TC58NVG1S8BFT00 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TC58NVG1S3BFT00/TC58NVG1S8BFT00
2003-10-30A
3
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
SYMBOL
RATING
VALUE
UNIT
VCC
Power Supply Voltage
−0.6 to 4.6
V
VIN
Input Voltage
−0.6 to 4.6
V
VI/O
Input /Output Voltage
−0.6 V to VCC + 0.3 V (≤ 4.6 V)
V
PD
Power Dissipation
0.3
W
TSOLDER
Soldering Temperature (10 s)
260
°C
TSTG
Storage Temperature
−55 to 150
°C
TOPR
Operating Temperature
0 to 70
°C
CAPACITANCE *(Ta = 25°C, f = 1 MHz)
SYMB0L
PARAMETER
CONDITION
MIN
MAX
UNIT
CIN
Input
VIN = 0 V
10
pF
COUT
Output
VOUT = 0 V
10
pF
*
This parameter is periodically sampled and is not tested for every device.
I/O
Control circuit
Status register
Address register
Command register
Column buffer
Column decoder
Data register
Sense amp
Memory cell array
Control circuit
HV generator
Logic control
BY
/
RY
VCC
I/O1
VSS
I/O8
PSL
CE
CLE
ALE
WE
RE
BY
/
RY
I/O16
to
or
WP


유사한 부품 번호 - TC58NVG1S8BFT00

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58NVG1S3EBAI4 TOSHIBA-TC58NVG1S3EBAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
497Kb / 65P
   2 GBIT (256M x 8 BIT) CMOS NAND E2PROM
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58NVG1S3ETAI0 TOSHIBA-TC58NVG1S3ETAI0 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
KIOXIA Corporation
TC58NVG1S3HBAI4 KIOXIA-TC58NVG1S3HBAI4 Datasheet
538Kb / 66P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

유사한 설명 - TC58NVG1S8BFT00

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208A TOSHIBA-TC55NEM208A Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58512FT TOSHIBA-TC58512FT Datasheet
420Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TH58100FT TOSHIBA-TH58100FT Datasheet
421Kb / 43P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC51WHM616AXBN70 TOSHIBA-TC51WHM616AXBN70 Datasheet
207Kb / 11P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM316AXBN40 TOSHIBA-TC55VEM316AXBN40 Datasheet
209Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VBM316AFTN TOSHIBA-TC55VBM316AFTN Datasheet
216Kb / 15P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com