전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMA0207 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 HMA0207
상세설명  Metal Film Resistors, Power Type, Miniature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HMA0207 데이터시트(HTML) 1 Page - Vishay Siliconix

  HMA0207 Datasheet HTML 1Page - Vishay Siliconix HMA0207 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
62
HMA0207
Vishay Draloric
Document No: 20120
Revision 02-Aug-02
For Technical Questions, contact ff1aresistors@vishay.com
FEATURES
• Metal film resistor with high power rating
• Stable film structure on special ceramic
• Good thermal distribution
• For applications in power electronics
Metal Film Resistors, Power Type, Miniature
PARAMETER
UNIT
HMA0207
Rated Dissipation at 70
°C
W
0.8
Limiting Element Voltage 1)
V
≤ 500
Insulation Voltage (1 min)
Veff
> 700
Thermal Resistance
K/W
130
Insulation Resistance
Ω≥ 1011
Category Temperature Range
°C
- 55 / + 175
Terminal Strength, axial
N
> 50
Failure Rate
10-9/h
< 5
Weight
g
0.22
TECHNICAL SPECIFICATIONS
• Coating - green
• Marking: see appropriate catalog or web page
• Further values on request
• Additional orange color dot at the beginning of the code
MIN ORDER QTY /
MIN ORDER QTY /
TC
PIECES / REEL
CODE
PACKAGING UNITS
PIECES / BOX
CODE
PACKAGING UNITS
ppm / K
HMA0207
50
5000
R5
1
5000
A5
1
2000
A2
2
PACKAGING
MODEL
REEL
BOX
HMA0207
50
1K8
1%
A2
MODEL
TC
RESISTANCE
TOLERANCE
PACKAGING
ppm/K
RANGE
Ω± %
A2-Ammopack 2000pcs
ORDERING INFORMATION
1)Rated voltage
P x R
MODEL
POWER RATING
LIMITING ELEMENT TEMPERATURE TOLERANCE
RESISTANCE RANGE
E-SERIES
P70°C
VOLTAGE MAX.
COEFFICIENT
WV
ppm/K
%
HMA0207
0.8
500
50
1
4R7 - 511K
24 - 96
STANDARD ELECTRICAL SPECIFICATIONS


유사한 부품 번호 - HMA0207

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121A FAIRCHILD-HMA121A Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121AR1 FAIRCHILD-HMA121AR1 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121AR1V FAIRCHILD-HMA121AR1V Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
HMA121AR2 FAIRCHILD-HMA121AR2 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results

유사한 설명 - HMA0207

제조업체부품명데이터시트상세설명
logo
HOKURIKU ELECTRIC INDUS...
E011203 HOKURIKU-E011203 Datasheet
107Kb / 3P
   Miniature Glazed Metal Film Fixed Resistors
logo
List of Unclassifed Man...
MFR ETC1-MFR Datasheet
36Kb / 2P
   Metal Film Resistors Normal & Miniature Style
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
RCD COMPONENTS INC.
F1SQ-R100-JB RCD-F1SQ-R100-JB Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
   Power Metal Film Resistors
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
   Power Metal Film Resistors
Revision: 24-Feb-04
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011202 HOKURIKU-E011202 Datasheet
36Kb / 1P
   Miniature Paint Insulated Metal Film Fixed Resistors
logo
KOA Speer Electronics, ...
SF18YC1003B KOA-SF18YC1003B Datasheet
420Kb / 2P
   insulated super miniature precision metal film resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com