전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP5322N8-G 데이터시트(PDF) 1 Page - Supertex, Inc

부품명 TP5322N8-G
상세설명  P-Channel Enhancement-Mode Vertical DMOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5322N8-G 데이터시트(HTML) 1 Page - Supertex, Inc

  TP5322N8-G Datasheet HTML 1Page - Supertex, Inc TP5322N8-G Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP5322
Rev. 3
September 14, 2004
1
Initial Release
P-Channel Enhancement-Mode
Vertical DMOS FET
Features
! Low threshold, -2.4V max.
! High input impedance
! Low input capacitance, 110pFmax.
! Fast switching speeds
! Low on resistance
! Free from secondary breakdown
! Low input and output leakage
! Complementary N- and P-channel devices
Application
! Logic level interfaces-ideal for TTL and CMOS
! Battery operated systems
! Photo voltaic devices
! Analog switches
! General purpose line drivers
! Telecom switches
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BVDGS
Gate-to-Source Voltage
±20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature****
300°C
****Distance of 1.6mm from case for 10 seconds.
General Description
These
low
threshold
enhancement-mode
(normally-off)
transistors utilize an advanced vertical DMOS structure and
Supertex's well-proven silicon-gate manufacturing process. This
combination produces devices with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent in MOS
devices. Characteristic of all MOS structures, these devices are
free from thermal runaway and thermally-induced secondary
breakdown.
Supertex's vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very low
threshold
voltage,
high
breakdown
voltage,
high
input
impedance, low input capacitance, and fast switching speeds are
desired.
Package Options
Ordering Information
Order Number / Package
TO-243AA**
TO-236AB***
BVDSS /
BVDGS
RDS(ON)
(max)
VGS(th)
(max)
ID(ON)
(min)
TP5322N8
TP5322K1
-220V
12
-2.4V
-0.7A
TP5322N8-G*
TP5322K1-G*
-220V
12
-2.4V
-0.7A
**Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
***Same as SOT-23. Products supplied on 3000 piece carrier tape reels.
TP5322
A042005
* "Green" Certified Package
D
S
D
G
D
S
G
TO-236AB
(SOT-23)*
TO-243AA
(SOT-89)*
Product Marking for SOT-89
TP3C
Where
✶=2-week alpha date code
Product Marking for SOT-23
P3C
Where
✶=2-week alpha date code


유사한 부품 번호 - TP5322N8-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TP5322N8-G SUTEX-TP5322N8-G Datasheet
516Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322N8-G SUTEX-TP5322N8-G Datasheet
686Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results

유사한 설명 - TP5322N8-G

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com