전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7854PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7854PBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7854PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7854PBF Datasheet HTML 1Page - International Rectifier IRF7854PBF Datasheet HTML 2Page - International Rectifier IRF7854PBF Datasheet HTML 3Page - International Rectifier IRF7854PBF Datasheet HTML 4Page - International Rectifier IRF7854PBF Datasheet HTML 5Page - International Rectifier IRF7854PBF Datasheet HTML 6Page - International Rectifier IRF7854PBF Datasheet HTML 7Page - International Rectifier IRF7854PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
01/05/06
IRF7854PbF
HEXFET® Power MOSFET
Applications
l Primary Side Switch in Bridge or two-
switch forward topologies using 48V
(±10%) or 36V to 60V ETSI range inputs.
l Secondary Side Synchronous
Rectification Switch for 12Vout
l Suitable for 48V Non-Isolated
Synchronous Buck DC-DC Applications
Benefits
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design,
(See App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Notes
 through ‡ are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
PD - 97172
VDSS
RDS(on) max
ID
80V
13.4m
:@VGS = 10V 10A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
dv/dt
Peak Diode Recovery dv/dt
h
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
ei
–––
50
2.5
Max.
10
7.9
79
80
± 20
11
-55 to + 150
0.02


유사한 부품 번호 - IRF7854PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7854PBF IRF-IRF7854PBF Datasheet
231Kb / 8P
   Primary Side Switch in Bridge or two switch forward topologies using 48V ETSI range inputs
IRF7854PBF IRF-IRF7854PBF Datasheet
231Kb / 8P
   Secondary Side Synchronous Rectification Switch for 12Vout
IRF7854PBF IRF-IRF7854PBF_15 Datasheet
231Kb / 8P
   Secondary Side Synchronous Rectification Switch for 12Vout
More results

유사한 설명 - IRF7854PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com