전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC6105 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPC6105
상세설명  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6105 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPC6105 Datasheet HTML 1Page - Toshiba Semiconductor TPC6105 Datasheet HTML 2Page - Toshiba Semiconductor TPC6105 Datasheet HTML 3Page - Toshiba Semiconductor TPC6105 Datasheet HTML 4Page - Toshiba Semiconductor TPC6105 Datasheet HTML 5Page - Toshiba Semiconductor TPC6105 Datasheet HTML 6Page - Toshiba Semiconductor TPC6105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC6105
2004-07-01
4
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
0
−1
−2
−3
−4
−5
−2
−4
−6
−8
−10
VGS = −1.5 V
−1.8
−2
−2.5
−2.8
−3
−3.5
−4
−4.5
−5
Common source
Ta
= 25°C
Pulse test
0
0
−2
−4
−6
−8
−0.2
−0.4
−0.6
−0.8
−1.0
Common source
Ta
= 25°C
Pulse test
ID = −2.7 A
−1.4 A
−0.7 A
1
−0.1
−1
−10
10
100
Ta
= −55°C
Ta
= 100°C
Ta
= 25°C
Common source
VDS = −10 V
Pulse test
10
−0.1
−1
−10
100
1000
0
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1
−2
−3
−4
−5
VGS = −1.5 V
−1.8
−2
−2.5
−2.8
−3
−3.5
−4
−4.5
−5
Common source
Ta
= 25°C
Pulse test
0
0
−0.5
−1.0
−1.5
−2.0
−2.5
−1
−2
−3
−4
−5
Ta
= −55°C
Ta
= 100°C
Ta
= 25°C
Common source
VDS = −10 V
Pulse test
VGS = −4.5 V
−2.5 V
−1.8 V
Common source
Ta
= 25°C
Pulse test


유사한 부품 번호 - TPC6105

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC6105 TOSHIBA-TPC6105 Datasheet
259Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC6105 VBSEMI-TPC6105 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
More results

유사한 설명 - TPC6105

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com