전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1G17GW 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74AUP1G17GW
상세설명  Low-power Schmitt-trigger buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G17GW 데이터시트(HTML) 2 Page - NXP Semiconductors

  74AUP1G17GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G17GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
9397 750 14677
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 26 July 2005
2 of 20
Philips Semiconductors
74AUP1G17
Low-power Schmitt-trigger buffer
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[2]
The condition is VI = GND to VCC.
4.
Ordering information
5.
Marking
Table 1:
Quick reference data
GND = 0 V; Tamb =25 °C; tr =tf ≤ 3ns.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH propagation delay
A to Y
CL = 5 pF; RL =1MΩ;
VCC = 0.8 V
-
19.0
-
ns
CL = 5 pF; RL =1MΩ;
VCC = 1.1 V to 1.3 V
2.9
5.7
11.7
ns
CL = 5 pF; RL =1MΩ;
VCC = 1.4 V to 1.6 V
2.5
4.2
7.2
ns
CL = 5 pF; RL =1MΩ;
VCC = 1.65 V to 1.95 V
2.2
3.6
5.9
ns
CL = 5 pF; RL =1MΩ;
VCC = 2.3 V to 2.7 V
2.0
3.0
4.8
ns
CL = 5 pF; RL =1MΩ;
VCC = 3.0 V to 3.6 V
1.9
2.8
4.3
ns
Ci
input capacitance
-
0.8
-
pF
CPD
power dissipation
capacitance
VCC = 1.8 V; f = 10 MHz
[1] [2] -
4.5
-
pF
VCC = 3.3 V; f = 10 MHz
[1] [2] -
6.0
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G17GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74AUP1G17GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
Table 3:
Marking
Type number
Marking code
74AUP1G17GW
pJ
74AUP1G17GM
pJ


유사한 부품 번호 - 74AUP1G17GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G17GW NXP-74AUP1G17GW Datasheet
110Kb / 20P
   Low-power Schmitt trigger
Rev. 03-10 July 2009
logo
Nexperia B.V. All right...
74AUP1G17GW NEXPERIA-74AUP1G17GW Datasheet
321Kb / 24P
   Low-power Schmitt trigger
Rev. 13 - 13 January 2022
74AUP1G17GW-Q100 NEXPERIA-74AUP1G17GW-Q100 Datasheet
247Kb / 17P
   Low-power Schmitt trigger
Rev. 2 - 13 January 2022
More results

유사한 설명 - 74AUP1G17GW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
SN74AUP1G17 TI1-SN74AUP1G17_17 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Buffer
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
RD74LVC1G17 RENESAS-RD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com