전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1524 데이터시트(PDF) 6 Page - Gennum Corporation

부품명 GS1524
상세설명  GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1524 데이터시트(HTML) 6 Page - Gennum Corporation

Back Button GS1524 Datasheet HTML 2Page - Gennum Corporation GS1524 Datasheet HTML 3Page - Gennum Corporation GS1524 Datasheet HTML 4Page - Gennum Corporation GS1524 Datasheet HTML 5Page - Gennum Corporation GS1524 Datasheet HTML 6Page - Gennum Corporation GS1524 Datasheet HTML 7Page - Gennum Corporation GS1524 Datasheet HTML 8Page - Gennum Corporation GS1524 Datasheet HTML 9Page - Gennum Corporation GS1524 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
GS1524 Data Sheet
14976 - 7
June 2005
6 of 18
2. Pin Out
2.1 Pin Connections
Figure 2-1: 16 PIN SOIC
2.2 Pin Descriptions
CLI
V
CC
V
EE
SDI
SDI
V
EE
AGC+
AGC-
CD/MUTE
V
CC
V
EE
SDO
SDO
V
EE
MCLADJ
BYPASS
GS1524
16PIN SOIC
TOP VIEW
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Table 2-1: Pin Descriptions
Pin Number
Name
Type
Description
1
CLI
ANALOG OUTPUT
CABLE LENGTH INDICATOR. An analog voltage proportional to the cable
length connected to the Serial digital input.
Note: CLI is recommended for data rates up to 360Mb/s only.
4,5
SDI, SDI
INPUT
Serial digital differential input.
7,8
AGC+, AGC-
PASSIVE INPUT
External AGC capacitor. Should be set to IµF
9
BYPASS
LOGIC INPUT
Forces the Equalizing and DC RESTORE stages into bypass mode when
HIGH. No equalization occurs in this mode.
10
MCLADJ
ANALOG INPUT
MAXIMUM CABLE LENGTH ADJUST. Adjusts the approximate maximum
amount of cable to be equalized (from 0m to the maximum cable length).
The output is muted (latched to the last state) when the maximum cable
length is achieved.
Note: MCLADJ is recommended for data rates up to 360Mb/s
12, 13
SDO, SDO
PECL OUTPUT
Equalized serial digital differential output.


유사한 부품 번호 - GS1524

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CKDE3 GENNUM-GS1524-CKDE3 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3 GENNUM-GS1524-CTDE3 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524-CTDE3Z GENNUM-GS1524-CTDE3Z Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

유사한 설명 - GS1524

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com