전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1535 데이터시트(PDF) 6 Page - Gennum Corporation

부품명 GS1535
상세설명  GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535 데이터시트(HTML) 6 Page - Gennum Corporation

Back Button GS1535 Datasheet HTML 2Page - Gennum Corporation GS1535 Datasheet HTML 3Page - Gennum Corporation GS1535 Datasheet HTML 4Page - Gennum Corporation GS1535 Datasheet HTML 5Page - Gennum Corporation GS1535 Datasheet HTML 6Page - Gennum Corporation GS1535 Datasheet HTML 7Page - Gennum Corporation GS1535 Datasheet HTML 8Page - Gennum Corporation GS1535 Datasheet HTML 9Page - Gennum Corporation GS1535 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GS1535 Data Sheet
18557 - 8
February 2005
6 of 22
55, 57
VCC
PASSIVE
Recommend connect to 3.3V.
22
VCC_VCO
POWER
Most positive power supply connection for the internal VCO section.
Connect to 3.3V.
30
VCC_DIG
POWER
Most positive power supply connection for the internal glue logic.
Connect to 3.3V.
41
VCC_INT
POWER
Most positive power supply connection. Connect to 3.3V.
47
VCC_DDO
POWER
Most positive power supply connection for the DDO/DDO output driver.
Connect to 3.3V.
61
VCC_CP
POWER
Most positive power supply connection for the internal charge pump.
Connect to 3.3V.
23
VEE_VCO
POWER
Most negative power supply connection for the internal VCO section.
Connect to ground.
31
VEE_DIG
POWER
Most negative power supply connection for the internal glue logic.
Connect to ground.
42
VEE_INT
POWER
Most negative power supply connection. Connect to ground.
48
VEE_DDO
POWER
Most negative power supply connection for the DDO/DDO output driver.
Connect to ground.
60
VEE_CP
POWER
Most negative power supply connection for the internal charge pump.
Connect to ground.
38, 39, 40,
56, 58, 59
RSVD
RESERVED
Do not Connect.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Type
Description


유사한 부품 번호 - GS1535

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

유사한 설명 - GS1535

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com