전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1560ACF 데이터시트(PDF) 9 Page - Gennum Corporation

부품명 GS1560ACF
상세설명  GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1560ACF 데이터시트(HTML) 9 Page - Gennum Corporation

Back Button GS1560ACF Datasheet HTML 5Page - Gennum Corporation GS1560ACF Datasheet HTML 6Page - Gennum Corporation GS1560ACF Datasheet HTML 7Page - Gennum Corporation GS1560ACF Datasheet HTML 8Page - Gennum Corporation GS1560ACF Datasheet HTML 9Page - Gennum Corporation GS1560ACF Datasheet HTML 10Page - Gennum Corporation GS1560ACF Datasheet HTML 11Page - Gennum Corporation GS1560ACF Datasheet HTML 12Page - Gennum Corporation GS1560ACF Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
GS1560A/GS1561 Data Sheet
27360 - 8
September 2005
9 of 80
11
SD/HD
Non
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in slave mode, and will
be an output set by the device in master mode.
Master Mode (MASTER/SLAVE = HIGH)
The SD/HD signal will be LOW whenever the received serial digital signal
is 1.485Gb/s or 1.485/1.001Gb/s.
The SD/HD signal will be HIGH whenever the received serial digital signal
is 270Mb/s.
Slave Mode (MASTER/SLAVE = LOW)
When set LOW, the device will be configured for the reception of
1.485Gb/s or 1.485/1.001Gb/s signals only and will not lock to any other
serial digital signal.
When set HIGH, the device will be configured for the reception of 270Mb/s
signals only and will not lock to any other serial digital signal.
NOTE: When in slave mode, reset the device after the SD/HD input has
been initially configured, and after each subsequent SD/HD data rate
change.
NOTE: This pin has an internal pull-up resistor of 100K.
12
20bit/10bit
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the output data bus width in SMPTE or Data-Through
modes. This signal is ignored in DVB-ASI mode.
When set HIGH, the parallel output will be 20-bit demultiplexed data.
When set LOW, the parallel outputs will be 10-bit multiplexed data.
13
IOPROC_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable I/O processing features.
When set HIGH, the following I/O processing features of the device are
enabled:
• EDH CRC Error Correction (SD-only)
• ANC Data Checksum Correction
• Line-based CRC Error Correction (HD-only)
• Line Number Error Correction (HD-only)
• TRS Error Correction
• Illegal Code Remapping
To enable a subset of these features, keep IOPROC_EN/DIS HIGH and
disable the individual feature(s) in the IOPROC_DISABLE register
accessible via the host interface.
When set LOW, the I/O processing features of the device are disabled,
regardless of whether the features are enabled in the IOPROC_DISABLE
register.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


유사한 부품 번호 - GS1560ACF

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560ACF GENNUM-GS1560ACF Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1560ACFE3 GENNUM-GS1560ACFE3 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
More results

유사한 설명 - GS1560ACF

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com