전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9002A 데이터시트(PDF) 3 Page - Gennum Corporation

부품명 GS9002A
상세설명  GENLINX-TM GS9002A Serial Digital Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9002A 데이터시트(HTML) 3 Page - Gennum Corporation

  GS9002A Datasheet HTML 1Page - Gennum Corporation GS9002A Datasheet HTML 2Page - Gennum Corporation GS9002A Datasheet HTML 3Page - Gennum Corporation GS9002A Datasheet HTML 4Page - Gennum Corporation GS9002A Datasheet HTML 5Page - Gennum Corporation GS9002A Datasheet HTML 6Page - Gennum Corporation GS9002A Datasheet HTML 7Page - Gennum Corporation GS9002A Datasheet HTML 8Page - Gennum Corporation GS9002A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
24149 - 1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
5.5 V
Input Voltage Range (any input)
-V
EE
< V
I
< V
CC
DC Input Current (any one input)
10 mA
Power Dissipation (V
S
= 5.25 V)
1 W
Operating Temperature Range
0
°C
≤ T
A
70
°C
Storage Temperature Range
-65
°C
≤ T
S
150
°C
Lead Temperature (soldering 10 seconds)
260
°C
Fig. 1
GS9002A Encoder Pin Connections
SDO
SDO
VEE
DRS0
DRS1
RVC00
RVC01
RVC02
RVC03
VEE
C. REG
SYNC
DET.
DIS.
VCC1 VEE
SYNC
DET.
VCC3
VEE
VEE
SCK
SCK
VCC2a
VCC2b
VCC3
VEE
NC
VEE
LOOP
FILT.
VCC3
LOCK
DET.
PCK
OUT
VEE
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
PD9
PCK IN
PARALLEL
DATA
INPUTS
VCO
FREQUENCY
SET
RESISTORS
GS9002A
TOP VIEW
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
6
5
4
3
2
44
43
42
41
40
SSS
VEE


유사한 부품 번호 - GS9002A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9002 GENNUM-GS9002 Datasheet
316Kb / 11P
   GENLINXTM GS9002 Serial Digital Encoder
GS9002-CPM GENNUM-GS9002-CPM Datasheet
316Kb / 11P
   GENLINXTM GS9002 Serial Digital Encoder
More results

유사한 설명 - GS9002A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com