전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9005BCPJ 데이터시트(PDF) 7 Page - Gennum Corporation

부품명 GS9005BCPJ
상세설명  GENLINX-TM GS9005B Serial Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005BCPJ 데이터시트(HTML) 7 Page - Gennum Corporation

Back Button GS9005BCPJ Datasheet HTML 3Page - Gennum Corporation GS9005BCPJ Datasheet HTML 4Page - Gennum Corporation GS9005BCPJ Datasheet HTML 5Page - Gennum Corporation GS9005BCPJ Datasheet HTML 6Page - Gennum Corporation GS9005BCPJ Datasheet HTML 7Page - Gennum Corporation GS9005BCPJ Datasheet HTML 8Page - Gennum Corporation GS9005BCPJ Datasheet HTML 9Page - Gennum Corporation GS9005BCPJ Datasheet HTML 10Page - Gennum Corporation GS9005BCPJ Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
32466 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
VCC
VCC
+
-
920
µA
920
µA
AGC CAP
620
5k
5k
5k
500
0.4V
SSI
Pin 8
Pin 9
Pin 2
Pin 28
SDI
SDI
2V
+
-
INPUT / OUTPUT CIRCUITS cont.
Pin 12
LOOP FILTER
VCC
VCC
1k
VCC
2k
1.5k
Fig. 7 Pin 12
10k
VCC
Pin 19
CD
Fig. 9 Pin 19
Fig. 6 Pins 28, 2, 8 and 9
VCC
Pin 20
SSO
VCC
40µA
40µA
Pin 21
SS1
VCC
Pin 10
ƒ/2 EN
VCC
VCC
+
-
18µA
55µA
480µA
1.6V
Fig. 10 Pins 20, 21 and 10
200
VCC
Pin 16
5mA
OEM
5mA
Fig. 8 Pin 16


유사한 부품 번호 - GS9005BCPJ

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
2Mb / 13P
   Serial Digital Receiver
More results

유사한 설명 - GS9005BCPJ

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com