전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9023A 데이터시트(PDF) 4 Page - Gennum Corporation

부품명 GS9023A
상세설명  GENLINX -TM II GS9023A Embedded Audio CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9023A 데이터시트(HTML) 4 Page - Gennum Corporation

  GS9023A Datasheet HTML 1Page - Gennum Corporation GS9023A Datasheet HTML 2Page - Gennum Corporation GS9023A Datasheet HTML 3Page - Gennum Corporation GS9023A Datasheet HTML 4Page - Gennum Corporation GS9023A Datasheet HTML 5Page - Gennum Corporation GS9023A Datasheet HTML 6Page - Gennum Corporation GS9023A Datasheet HTML 7Page - Gennum Corporation GS9023A Datasheet HTML 8Page - Gennum Corporation GS9023A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4 of 37
GENNUM CORPORATION
19795 - 6
1.
PIN CONNECTIONS
VFLB
VFLA
AUXEN
SAFB
CSA
CSB
UDA
UDB
SAFA
MUTE
PKT2
PKT3
PKT8
PKT7
PKT6
PKT5
PKT4
PKT1
PKT0
AM2
AM1
EDH_INS
TRS
ANCI
ADDR3
ADDR2
ADDR1
ADDR0
DATA7
DATA6
DATA5
DATA4
DATA3
19
8
7
6
5
4
3
2
10
27
26
24 25
28
23
22
21
20
19
18
17
16
15
14
13
12
11
37
36
35
34
33
32
31
30
29
50
49
48
47
46
45
44
43
42
41
40
39
38
75
67
68
69
70
71
72
73
74
66
52 51
53
54
55
56
57
58
59
60
61
62
63
64
65
99
100
98
89
90
91
92
93
94
95
96
97
76
77
78
79
80
81
82
83
84
85
86
87
88
GS9023A
(TOP VIEW)
GND
ACLK
GND
VDDINT
GND
GND
PKTEN
VDDIO
GND
VDDINT
TEST
TEST
VDDIO
AM0
RE
WE
CS
NOTE: The GS9023A DOUT[9:0] MSB to LSB convention is compatible with
the GS9022 but reversed with the GS9032 or GS7005.
See Interconnection with GS9032 or GS7005 section.
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
DESCRIPTION
1, 17, 26, 90
VDDINT
+3.3V power supply pins for core logic.
2-4
VM[2:0]
I
Video standard format. Used in conjunction with the TRS pin. VM[2] is the MSB
and VM[0] is the LSB. See Table 1.
5
DEMUX/MUX
I
Mode of operation. When set HIGH, the GS9023A operates in Demultiplex Mode.
When set LOW, the GS9023A operates in Multiplex Mode.
NOTE: A device reset must be performed when switching between Multiplex and
Demultiplex Modes while the device is powered up.
6-10,12-16
DIN[9:0]
I
Parallel digital video signal input. DIN[9] is the MSB and DIN[0] is the
LSB. The digital video input must contain TRS information.
11, 23, 25, 29,
50, 58, 71, 82,
98, 100
GND
Device ground.
18
RESET
I
Device reset. Active low.
NOTE: The video input to output data path will be interrupted during device
reset.


유사한 부품 번호 - GS9023A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
GS9023-CFY ETC-GS9023-CFY Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS9023BCVE3 GENNUM-GS9023BCVE3 Datasheet
714Kb / 56P
   Embedded Audio CODEC
More results

유사한 설명 - GS9023A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com