전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9020ACTVE3 데이터시트(PDF) 9 Page - Gennum Corporation

부품명 GS9020ACTVE3
상세설명  GENLINX -TM II GS9020A Serial Digital Video Input Processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9020ACTVE3 데이터시트(HTML) 9 Page - Gennum Corporation

Back Button GS9020ACTVE3 Datasheet HTML 5Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 6Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 7Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 8Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 9Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 10Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 11Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 12Page - Gennum Corporation GS9020ACTVE3 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
19922 - 3
9 of 31
The serial data output circuits are shown in Figure 6. The
serial data outputs are designed to drive 50-75
Ω controlled
impedance traces and can be easily connected to the
GS9028 cable driver as shown in Figure 7 and Figure 18.
Note that to output proper PECL signal levels, a resistor
must be connected between the two serial data outputs.
1.4 Automatic Standard Detection
The device automatically detects the incoming video
standard. The detected standard is encoded on the
STD[3:0] pins and the HOSTIF read table bits as shown in
Table 1 and Table 3.
Noise immunity is included to ensure that momentary signal
corruption
does
not
affect
the
automatic
standards
detection function. This built in noise immunity results in
delayed detection time during power up and when
switching between standards. Delays range from as little as
eight lines when switching between component standards
to as much as four frames when switching between PAL
and NTSC standards. If this delay is intolerable, the user
can manually set the standard through the HOSTIF write
table. To set the standard manually, the STD_SEL bit must
be set HIGH and the S bit and STD[3:0] pins/HOSTIF bits
set accordingly. The default standard upon reset of the chip
is NTSC 4:2:2 component (13.5MHz Y sampling).
The S bit, used for single link data standards only, is
encoded in the TRSID word and indicates if the data is in
RGB or YCRCB format as per SMPTE RP174. In automatic
standard detection mode, the S bit can be read from the
HOSTIF read table. In manual mode, the S bit must be set
in the HOSTIF write table.
1.5 Parallel Clock Output
The PCLKOUT pin provides the output parallel clock. All
synchronous I/O are timed relative to PCLKOUT. The
following listing shows which I/O's are synchronous and
which are not. Timing for synchronous outputs is shown in
Figure 3. Timing for synchronous inputs is shown in
Figure 2.
PIN
LOGIC OPR
HOST BIT
STD_SEL
STD[3:0]
STD[3:0]
S
TABLE 1
STANDARD NAME
STD[3:0]
NTSC 4:2:2 Component with 13.5MHz Y sampling
0000
NTSC Composite
0001
NTSC 4:2:2 16x9 Widescreen with 18MHz Y
sampling
0010
NTSC 4:4:4:4 Single Link with 13.5MHz Y sampling
0011
PAL 4:2:2 Component with 13.5MHz Y sampling
0100
PAL Composite
0101
PAL 4:2:2 16x9 Widescreen with 18MHz Y sampling
0110
PAL 4:4:4:4 Single Link with 13.5MHz Y sampling
0111
PIN
LOGIC OPR
HOST BIT
PCLKOUT
SYNCHRONOUS
ASYNCHRONOUS
FL[4:0]
P[7:5]
S[1:0]
SCL/P4
FIFO_RESET
INTERRUPT
DOUT[9:0]
SDA/P3
F[2:0]
A[2:0]/P[2:0]
VR/W
HA/D
ANC_DATA
CS
BLANK_EN
FLAG_MAP
F_R/W
RESET
NO_EDH
CRC_MODE
STD[3:0]
VBLANKS/L
TRS_ERROR
HOSTIF_MODE
FIFOE/S
FLYWDIS
BYPASS_EDH
SDO_MODE
ANC_CHKSM
CLIP_TRS


유사한 부품 번호 - GS9020ACTVE3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
GS9020-CFV ETC1-GS9020-CFV Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
GS9020-CTV ETC1-GS9020-CTV Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
More results

유사한 설명 - GS9020ACTVE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com