전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9022ACPJE3 데이터시트(PDF) 1 Page - Gennum Corporation

부품명 GS9022ACPJE3
상세설명  GENLINXTM GS9022A Digital Video Serializer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9022ACPJE3 데이터시트(HTML) 1 Page - Gennum Corporation

  GS9022ACPJE3 Datasheet HTML 1Page - Gennum Corporation GS9022ACPJE3 Datasheet HTML 2Page - Gennum Corporation GS9022ACPJE3 Datasheet HTML 3Page - Gennum Corporation GS9022ACPJE3 Datasheet HTML 4Page - Gennum Corporation GS9022ACPJE3 Datasheet HTML 5Page - Gennum Corporation GS9022ACPJE3 Datasheet HTML 6Page - Gennum Corporation GS9022ACPJE3 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GENLINXTM GS9022A
Digital Video Serializer
FUNCTIONAL BLOCK DIAGRAM
FEATURES
DEVICE DESCRIPTION
The GS9022A is a drop-in replacement for the GS9022 in
existing applications
The GS9022A is a monolithic bipolar integrated circuit designed
to serialize SMPTE 125M and SMPTE 244M bit parallel digital
signals as well as other 8 or 10 bit parallel formats. This device
performs the functions of sync detection, parallel to serial
conversion, data scrambling (using the X9 + X4 +1 algorithm),
10x parallel clock multiplication and conversion of NRZ to
NRZI serial data. The data rate is automatically set for SMPTE
259M data rates to 400 Mb/s. Other features include a lock
detect output and an internal cable driver capable of driving
two 75
Ω loads.
The device requires a single +5 volt or -5 volt supply and
typically consumes 650 mW of power while driving two 75
loads. The 28 pin PLCC packaging assures a small footprint
for the complete encoder function.
• built-in 75
W cable driver with two serial outputs
• standard independent operation
• space saving 28 pin PLCC package
• 650 mW typical power dissipation (data output
driving 75
W load).
• supports bit rates to 400 Mb/s
• accepts 8 bit and 10 bit TTL and CMOS
compatible parallel data inputs
• fully compatible with SMPTE 259M serial digital
standard
• single +5 or -5 volt supply
• Pb-free and Green
APPLICATIONS
•4ƒ
SC, 4:2:2 and 360 Mb/s serial digital interfaces for:
Video cameras
VTRs
Signal generators
Portable equipment
DATA SHEET
ORDERING INFORMATION
Revision Date: June 2004
Document No. 18325 - 01
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996 fax. +1 (905) 632-5946
Web Site: www.gennum.com E-mail: info@gennum.com
SYNC
DETECT
DISABLE
GS9022A
PLD
LOOP
FILTER
RVCO
PCLK
PARALLEL
DATA
IN (10 BITS)
P/S
CONVERTER
SYNC
DETECT
REGULATOR CAP
PHASE
FREQUENCY
DETECT
CHARGE
PUMP
VCO
INPUT
LATCH
DIV BY 10
GENERATOR
3-12
13
17
28
25
SCLK
LOCK
DETECT
SCRAMBLER
SERIAL DATA
SERIAL DATA
23
22
14
LOCK
DETECT
19
COSC
26
OSCILLATOR
DIV BY 2
GENERATOR
RISE TIME
CONTROL
NRZ
NRZI
MUX
Part Number
Package
Temperature
Pb-Free
and Green
GS9022ACPJ
28 pin PLCC
o°C to 70°C
No
GS9022ACTJ
28 pin PLCC Tape
o°C to 70°C
No
GS9022ACPJE3
28 pin PLCC
o°C to 70°C
Yes
GS9022ACTJE3
28 pin PLCC Tape
o°C to 70°C
Yes


유사한 부품 번호 - GS9022ACPJE3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
GS9022-CPJ ETC-GS9022-CPJ Datasheet
160Kb / 7P
   Digital Video Serializer
GS9022-CTJ ETC-GS9022-CTJ Datasheet
160Kb / 7P
   Digital Video Serializer
More results

유사한 설명 - GS9022ACPJE3

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9002 GENNUM-GS9002 Datasheet
316Kb / 11P
   GENLINXTM GS9002 Serial Digital Encoder
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com