전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9074A 데이터시트(PDF) 3 Page - Gennum Corporation

부품명 GS9074A
상세설명  GS9074A HD-LINX-R II Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9074A 데이터시트(HTML) 3 Page - Gennum Corporation

  GS9074A Datasheet HTML 1Page - Gennum Corporation GS9074A Datasheet HTML 2Page - Gennum Corporation GS9074A Datasheet HTML 3Page - Gennum Corporation GS9074A Datasheet HTML 4Page - Gennum Corporation GS9074A Datasheet HTML 5Page - Gennum Corporation GS9074A Datasheet HTML 6Page - Gennum Corporation GS9074A Datasheet HTML 7Page - Gennum Corporation GS9074A Datasheet HTML 8Page - Gennum Corporation GS9074A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GS9074A Data Sheet
34166 - 3
March 2006
3 of 16
1. Pin Out
1.1 GS9074A Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 GS9074A Pin Descriptions
GS9074A
(top view)
1
VEE_A
VEE_A
SDI
SDI
2
3
4
SDO
SDO
VEE_D
VEE_D
12
11
10
9
5
7
68
13
14
15
16
Center Pad
(bottom of package, internally
bonded to VEE_A)
Table 1-1: GS9074A Pin Descriptions
Pin Number
Name
Timing
Type
Description
1, 4
VEE_A
Analog
Power
Most negative power supply for analog circuitry.
Connect to GND.
2, 3
SDI, SDI
Analog
Input
Serial digital differential input.
5, 6
AGC, AGC
Analog
External AGC capacitors.
(See Section 5.1 Typical Application Circuit.)
7
BYPASS
Not
Synchronous
Input
Forces the Equalizing and DC RESTORE stages into bypass mode
when HIGH. No equalization occurs in this mode.
8
MCLADJ
Analog
Input
Maximum cable length adjust.
Adjusts the approximate maximum amount of cable to be equalized
(from 0m to the maximum cable length). The output is muted (latched to
the last state) when the maximum cable length is achieved.
NOTE: MCLADJ is only recommended for data rates up to 270Mb/s.
9
VEE_D
Analog
Power
Most negative power supply for the digital circuitry and output buffer.
Connect to GND.
10, 11
SDO, SDO
Analog
Output
Equalized serial digital differential output.


유사한 부품 번호 - GS9074A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9074A GENNUM-GS9074A Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
logo
Semtech Corporation
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
More results

유사한 설명 - GS9074A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com