|
| PL78L09XA3 |
|
||
|
CYSTEKEC |
|
2 page
CYStech Electronics Corp. Spec. No. : C518A3 Issued Date : 2003.03.26 Revised Date : . . Page No. : 2/4 PL78L09A3 CYStek Product Specification Ordering Information Device Output Voltage Tolerance PL78L09AA3 3% PL78L09BA3 5% Electrical Characteristics Vin=15V, Iout=40mA, 0 °C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted) PL78L09A Symbol Parameter Conditions Min Typ Max Units Tj=25 °C 8.73 9 9.27 1mA ≤Io≤70mA 8.55 - 9.45 Vo Output Voltage 1mA ≤Io≤40mA and 11.5V ≤Vin≤24V 8.55 - 9.45 V Tj=25 °C, 11.5V≤Vin≤24V - - 200 ∆Vo Line Regulation Tj=25 °C, 13V≤Vin≤24V - - 150 mV Tj=25 °C, 1mA≤Io≤40mA - - 45 ∆Vo Load Regulation Tj=25 °C, 1mA≤Io≤100mA - - 90 mV IQ Quiescent Current Tj=25 °C - - 5.5 mA 1mA ≤Io≤40mA - - 0.1 ∆IQ Quiescent Current Change 11.5V ≤Vin≤24V - - 1.5 mA Vn Output Noise Voltage Ta=25 °C, 10Hz≤f≤10KHz - 70 - uV ∆Vin / ∆Vout Ripple Rejection 15V ≤Vin≤25V, f=120Hz 38 44 - dB Isc Peak Output / Short Circuit Current Tj=25 °C - 140 - mA VD Dropout Voltage Tj=25 °C - 1.7 - V PL78L09B Symbol Parameter Conditions Min Typ Max Units Tj=25 °C 8.55 9 9.45 1mA ≤Io≤70mA 8.5 - 9.5 Vo Output Voltage 1mA ≤Io≤40mA and 11.5V ≤Vin≤24V 8.5 - 9.5 V Tj=25 °C, 11.5V≤Vin≤24V - - 200 ∆Vo Line Regulation Tj=25 °C, 13V≤Vin≤24V - - 150 mV Tj=25 °C, 1mA≤Io≤40mA - - 45 ∆Vo Load Regulation Tj=25 °C, 1mA≤Io≤100mA - - 90 mV IQ Quiescent Current Tj=25 °C - - 5.5 mA 1mA ≤Io≤40mA - - 0.1 ∆IQ Quiescent Current Change 11.5V ≤Vin≤24V - - 1.5 mA Vn Output Noise Voltage Ta=25 °C, 10Hz≤f≤10KHz - 70 - uV ∆Vin / ∆Vout Ripple Rejection 15V ≤Vin≤25V, f=120Hz 38 44 - dB Isc Peak Output / Short Circuit Current Tj=25 °C - 140 - mA VD Dropout Voltage Tj=25 °C - 1.7 - V |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| PL78L06XA3 | Three Terminal Low Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78L08XA3 | Three Terminal Low Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78L12XA3 | Three Terminal Low Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL79L12XA3 | Three Terminal Low Current Negative Voltage Regulators | 1 2 3 | Cystech Electonics Corp. |
| PL78M05XA3 | Three Terminal Medium Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78M05XJ3 | Three Terminal Medium Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78M05XT3 | Three Terminal Medium Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL79L05XA3 | Three Terminal Low Current Negative Voltage Regulators | 1 2 3 | Cystech Electonics Corp. |
| UPC7800A | THREE TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | NEC |
| TA78L05S | THREE TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Toshiba Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |