|
| PL78L12XA3 |
|
||
|
CYSTEKEC |
|
4 page
CYStech Electronics Corp. Spec. No. : C519A3 Issued Date : 2003.03.26 Revised Date : . . Page No. : 4/4 PL78L12A3 CYStek Product Specification TO-92 Dimension *: Typical Inches Millimeters Inches Millimeters DIM Min. Max. Min. Max. DIM Min. Max. Min. Max. A 0.1704 0.1902 4.33 4.83 G 0.0142 0.0220 0.36 0.56 B 0.1704 0.1902 4.33 4.83 H - * 0.1000 - * 2.54 C 0.5000 - 12.70 - I - * 0.0500 - * 1.27 D 0.0142 0.0220 0.36 0.56 α1 - * 5 ° - * 5 ° E - * 0.0500 - * 1.27 α2 - * 2 ° - * 2 ° F 0.1323 0.1480 3.36 3.76 α3 - * 2 ° - * 2 ° Notes: 1.Controlling dimension: millimeters. 2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office. Material: • Lead: 42 Alloy ; solder plating • Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0 Important Notice: • All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. • CYStek reserves the right to make changes to its products without notice. • CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. • CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. 78L12 3 1 A D B C I α1 E F α2 α3 G H 2 Style: Pin 1.Vout 2.GND 3.Vin 3-Lead TO-92 Plastic Package CYStek Package Code: A3 |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| PL78L06XA3 | Three Terminal Low Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78L08XA3 | Three Terminal Low Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78L09XA3 | Three Terminal Low Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL79L12XA3 | Three Terminal Low Current Negative Voltage Regulators | 1 2 3 | Cystech Electonics Corp. |
| PL78M05XA3 | Three Terminal Medium Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78M05XJ3 | Three Terminal Medium Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL78M05XT3 | Three Terminal Medium Current Positive Voltage Regulators | 1 2 3 4 | Cystech Electonics Corp. |
| PL79L05XA3 | Three Terminal Low Current Negative Voltage Regulators | 1 2 3 | Cystech Electonics Corp. |
| UPC7800A | THREE TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | NEC |
| TA78L05S | THREE TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Toshiba Semiconductor |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |