부품명
         상세내용
PL78M05XA3

 Three Terminal Medium Current Positive Voltage Regulators ( 4 Page)


CYSTEKEC
100% 
Zoom Out Zoom In
   
 2 page
background image
CYStech Electronics Corp.
Spec. No. : C520A3
Issued Date : 2003.03.27
Revised Date :
. .
Page No. : 2/4
PL78M05A3
CYStek Product Specification
Ordering Information
Device
Output Voltage Range
PL78M05AA3
4.8V〜4.9V
PL78M05BA3
4.9V〜5.1V
PL78M05CA3
5.1V〜5.2V
Electrical Characteristics
Vin=10V, Iout=350mA, PD
≤5W,0°C≤Tj≤125°C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
PL78M05A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
4.80
-
4.90
Vo
Output Voltage
5mA
≤Io≤350mA and
7V
≤Vin≤20V
4.75
-
5.25
V
Tj=25
°C, 7V≤Vin≤25V
-
3
100
∆Vo
Line Regulation
Tj=25
°C, 8V≤Vin≤25V
-
-
50
mV
Tj=25
°C, 5mA≤Io≤500mA
-
15
100
∆Vo
Load Regulation
Tj=25
°C, 5mA≤Io≤200mA
-
-
50
mV
IQ
Quiescent Current
Tj=25
°C
-
3.2
6
mA
5mA
≤Io≤350mA
-
-
0.5
∆IQ
Quiescent Current
Change
8V
≤Vin≤25V,Io=200mA
-
-
0.8
mA
Vn
Output Noise Voltage
Ta=25
°C, 10Hz≤f≤10KHz
-
40
100
uV
RR
Ripple Rejection
8V
≤Vin≤18V,Io=300mA,
f=120Hz
62
78
-
dB
VD
Dropout Voltage
Tj=25
°C,Io=500mA
-
2
-
V
IOS
Output Short Circuit
Current
Tj=25℃,Vin=35V
300
mA
IMAX
Peak Output Current
Tj=25℃
700
mA
TCVo
Temperature Coefficient of
Output Voltage
Io=5mA
-1.1
mV/℃
1  2  3  4 



관련 부품명

부품명상세내용Html View제조사
PL78M05XJ3Three Terminal Medium Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
PL78M05XT3Three Terminal Medium Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
PL78L06XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
PL78L08XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
PL78L09XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
PL78L12XA3Three Terminal Low Current Positive Voltage Regulators 1 2 3 4 Cystech Electonics Corp.
MC78M00THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS 1 2 3 4 5 MoreMotorola, Inc
KIA78M05PBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)
PL79L12XA3Three Terminal Low Current Negative Voltage Regulators 1 2 3 Cystech Electonics Corp.
KIA78M05TBIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreKEC(Korea Electronics)

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl