전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPES22-075300 데이터시트(PDF) 1 Page - Total Power International

부품명 TPES22-075300
상세설명  UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES TPES22 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOTAL-POWER [Total Power International]
홈페이지  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES22-075300 데이터시트(HTML) 1 Page - Total Power International

  TPES22-075300 Datasheet HTML 1Page - Total Power International TPES22-075300 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION
EXTERNAL ADAPTER SINGLE OUTPUT 22-24 WATTS
SWITCHING POWER SUPPLIES TPES22 SERIES
FEATURES:
UNIVERSAL AC SOURCES
DESKTOP IEC320 AC RECEPTACLE
MEDICAL STANDARDS EN6061/UL2601
EMI MEET EN55022 / FCC CLASS B
CE MARKING COMPLIANCE
GENERAL SPECIFICATION
Efficiency: Typ. 80%.
Switching Frequency: Typ. 75K Hz.
Circuit Topology: Fixed Frequency flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 50% load change.
Safety Standard: IEC601/EN 60601/UL 2601 Class I
for medical applications.
Power Density: 1.75Watts / Cubic Inch.
Operating Temperature: 0 to +40°C.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo- plastic
enclosure case.
Desktop construction format.
Notes: (1) All measurements are at nominal input, full load, and +25℃ unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load varied from half load to full load(
±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac.
Input Connector: IEC320-3P DT7 AC receptacle.
Input Frequency: 47-63Hz.
Inrush Current: 35A @ 230Vac. typical or less than
30A by adding thermister.
Input Current: Typ. 0.38A @ 115Vac. &
0.15A @ 230Vac.
Dielectric Withstand: Meet IEC601.
EMI: Meet EN 55022 Class B.
Hold-up Time: Typ.16mS @115Vac. or
64mS @230Vac.
Earth Leakage: Less than 0.1 mA.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 22-24W typical.
Output Connector & Cord: Optional.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ±1.5-3.0 %.
Noise & Ripple: Typ.1.0% peak to peak.
OVP: Built-in, by latched circuit.
Adjustability: Factory set.
Overload Protection: Typ.115-130% of max. power
of overrange or short circuit, power foldback &
self-recovering.
In application.
TOTAL POWER INT'L
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


유사한 부품 번호 - TPES22-075300

제조업체부품명데이터시트상세설명
logo
Total Power Internation...
TPES24 TOTAL-POWER-TPES24 Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
TPES24-05015-B TOTAL-POWER-TPES24-05015-B Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
TPES24-05030-BG TOTAL-POWER-TPES24-05030-BG Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
TPES24-05030-BH TOTAL-POWER-TPES24-05030-BH Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
TPES24-05030-EJ TOTAL-POWER-TPES24-05030-EJ Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
More results

유사한 설명 - TPES22-075300

제조업체부품명데이터시트상세설명
logo
HITRON ELECTRONICS CORP...
HES22 HITRON-HES22 Datasheet
99Kb / 2P
   AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 22-24 WATTS SWITCHING POWER SUPPLIES
HES49 HITRON-HES49 Datasheet
80Kb / 2P
   AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES
HEMG75 HITRON-HEMG75 Datasheet
81Kb / 2P
   AC/DC MEDICAL APPLICATION EXTERNAL ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 70 WATTS GREEN POWER SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPES49 TOTAL-POWER-TPES49 Datasheet
277Kb / 2P
   UNIVERSAL INPUT AC TO DC MEDICAL APPLICATION EXTERNAL ADAPTER SINGLE OUTPUT 45-50 WATTS SWITCHING POWER SUPPLIES TPES49 SERIES
logo
HITRON ELECTRONICS CORP...
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HEMP100G HITRON-HEMP100G Datasheet
80Kb / 2P
   HARMONIC CORRECTION AC/DC MEDICAL APPLICATION EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com