전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP2G04 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74AUP2G04
상세설명  Low-power dual inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G04 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 14Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74AUP2G04_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 16 January 2006
11 of 18
Philips Semiconductors
74AUP2G04
Low-power dual inverter
13. Waveforms
CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
nA to nY
see Figure 7
VCC = 1.1 V to 1.3 V
3.0
15.8
3.0
17.4
ns
VCC = 1.4 V to 1.6 V
2.4
10.0
2.4
11.0
ns
VCC = 1.65 V to 1.95 V
2.1
8.0
2.1
8.8
ns
VCC = 2.3 V to 2.7 V
1.8
6.1
1.8
6.8
ns
VCC = 3.0 V to 3.6 V
1.8
5.0
1.8
5.5
ns
CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
nA to nY
see Figure 7
VCC = 1.1 V to 1.3 V
4.0
19.0
4.0
20.9
ns
VCC = 1.4 V to 1.6 V
3.2
12.9
3.2
14.2
ns
VCC = 1.65 V to 1.95 V
2.9
10.5
2.9
11.6
ns
VCC = 2.3 V to 2.7 V
2.6
7.6
2.6
8.4
ns
VCC = 3.0 V to 3.6 V
2.6
6.2
2.6
6.9
ns
Table 10:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Measurement points are given in Table 11.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The data input (nA) to output (nY) propagation delays
Table 11:
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× VCC
0.5
× VCC
VCC
≤ 3.0 ns
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL


유사한 부품 번호 - 74AUP2G04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
logo
Nexperia B.V. All right...
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
logo
Diodes Incorporated
74AUP2G04DW-7 DIODES-74AUP2G04DW-7 Datasheet
426Kb / 12P
   DUAL INVERTERS
More results

유사한 설명 - 74AUP2G04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com