전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP2G04GF 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 74AUP2G04GF
상세설명  Low-power dual inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G04GF 데이터시트(HTML) 4 Page - NXP Semiconductors

  74AUP2G04GF Datasheet HTML 1Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 2Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 3Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 4Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 5Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 6Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 7Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 8Page - NXP Semiconductors 74AUP2G04GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74AUP2G04_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 16 January 2006
4 of 18
Philips Semiconductors
74AUP2G04
Low-power dual inverter
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 6.
Pin configuration SOT891 (XSON6)
74AUP2G04
GND
001aad666
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 4:
Pin description
Symbol
Pin
Description
1A
1
data input 1A
GND
2
ground (0 V)
2A
3
data input 2A
2Y
4
data output 2Y
VCC
5
supply voltage
1Y
6
data output 1Y
Table 5:
Function table [1]
Input
Output
nA
nY
LH
HL


유사한 부품 번호 - 74AUP2G04GF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G04GF NXP-74AUP2G04GF Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
More results

유사한 설명 - 74AUP2G04GF

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com