부품명
         상세내용
MXD2020G

 Improved, Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Digital Outputs ( 7 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
MEMSIC MXD2020G/H/M/N
Rev.E
Page 1 of 7
3/25/2005
Improved, Ultra Low Noise
±1.7 g Dual Axis Accelerometer
with Digital Outputs
MXD2020G/H
MXD2020M/N
FEATURES
Resolution better than 1 milli-g
Dual axis accelerometer fabricated on a monolithic CMOS IC
On chip mixed mode signal processing
No moving parts
50,000 g shock survival rating
17 Hz bandwidth expandable to >160 Hz
3.0V to 5.25V single supply continuous operation
Continuous self test
Independent axis programmability (special order)
Compensated for Sensitivity over temperature
Ultra low initial Zero-g Offset
APPLICATIONS
Automotive – Vehicle Security/Vehicle stability control/
Headlight Angle Control/Tilt Sensing
Security – Gas Line/Elevator/Fatigue Sensing
Information Appliances – Computer Peripherals/PDA’s/Mouse
Smart Pens/Cell Phones
Internal
Oscillator
Sck
(optional)
CLK
H eater
Control
X axis
Y axis
Factory Adjust
O ffset & G ain
LPF
LPF
Tem perature
Sensor
Voltage
Reference
Vref
Dout X
Vdd
V da
Gnd
2-AX IS
SENSO R
Dout Y
To ut
C ontinous
Self Test
A/D
A/D
MXD2020G/H/M/N FUNCTIONAL BLOCK DIAGRAM
Gaming – Joystick/RF Interface/Menu Selection/Tilt Sensing
GPS
electronic Compass tilt Correction
Consumer – LCD projectors, pedometers, blood pressure
Monitor, digital cameras
GENERAL DESCRIPTION
The MXD2020G/H/M/N is a low cost, dual axis
accelerometer fabricated on a standard, submicron CMOS
process. It is a complete sensing system with on-chip
mixed mode signal processing. The MXD2020G/H/M/N
measures acceleration with a full-scale range of
±1.7 g and
a sensitivity of 20%/g @5V at 25°C. It can measure both
dynamic acceleration (e.g. vibration) and static acceleration
(e.g. gravity).
The MXD2020G/H/M/N design is based on heat
convection and requires no solid proof mass. This
eliminates stiction and particle problems associated with
competitive devices and provides shock survival of 50,000
g, leading to significantly lower failure rate and lower loss
due to handling during assembly.
The MXD2020G/H/M/N provides two digital outputs that
are set to 50% duty cycle at zero g acceleration. The
outputs are digital with duty cycles (ratio of pulse width to
period) that are proportional to acceleration. The duty
cycle outputs can be directly interfaced to a micro-
processor.
The typical noise floor is 0.2 mg/ Hz allowing signals
below 1 milli-g to be resolved at 1 Hz bandwidth. The
MXD2020G/H/M/N is packaged in a hermetically sealed
LCC surface mount package (5 mm x 5 mm x 2 mm height)
and is operational over a -40°C to 105°C(M/N) and 0°C to
70
°C(G/H) temperature range.
Information furnished by MEMSIC is believed to be accurate and reliable.
However, no responsibility is assumed by MEMSIC for its use, nor for any
infringements of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or
patent rights of MEMSIC.
MEMSIC, Inc.
800 Turnpike St., Suite 202, North Andover, MA 01845
Tel: 978.738.0900
Fax: 978.738.0196
www.memsic.com
1  2  3  4  5  6  7 



관련 부품명

부품명상세내용Html View제조사
MXA2500GImproved Ultra Low Noise ±1.7 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020MLImproved Ultra Low Noise Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD2020ELUltra Low Noise Low offset Drift +1g -1g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR2312GImproved Ultra Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500UUltra Low Noise 1g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500JUltra Low Cost ±1.0 g Dual Axis Accelerometer with Absolute Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl