전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM80A-300L-280F09 데이터시트(PDF) 2 Page - Astec America, Inc

부품명 AM80A-300L-280F09
상세설명  240 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASTEC [Astec America, Inc]
홈페이지  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AM80A-300L-280F09 데이터시트(HTML) 2 Page - Astec America, Inc

  AM80A-300L-280F09 Datasheet HTML 1Page - Astec America, Inc AM80A-300L-280F09 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
www.astec.com
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Model Number
Input
Output
Output
Model Number
Voltage
Voltage
Current
Voltage
Voltage
Current
300V
2.2V
60A
AM80A-300L-022F60
150V
6.5V
33A
AM80A-150L-065F33
300V
3.3V
50A
AM80A-300L-033F50
48V
1.2V
60A
AM80A-048L-012F60
300V
5V
40A
AM80A-300L-050F40
48V
2.2V
60A
AM80A-048L-022F60
300V
6.5V
33A
AM80A-300L-065F33
48V
3.3V
50A
AM80A-048L-033F50
300V
12V
18A
AM80A-300L-120F18
48V
5V
40A
AM80A-048L-050F40
300V
15V
16A
AM80A-300L-150F16
48V
12V
18A
AM80A-048L-120F18
300V
24V
10A
AM80A-300L-240F10
48V
15V
16A
AM80A-048L-150F16
300V
28V
9A
AM80A-300L-280F09
48V
24V
10A
AM80A-048L-240F10
320V
28V
9A
AM80A-320L-280F09**
24V
6.5V
27A
AM80A-024L-065F27
Please contact Astec for information on other output voltages, power ranges and configurations.
Input
Output
Control Pins
31. +ve
21.
1. +SENSE
32. –ve
22.
2. TEMP MON
23.
3. C MON
24.
4. C SHARE
26.
5. CLK OUT
27.
6. CLK IN
28.
7. PG/ID
29.
8. C LIM ADJ
9. OVP ADJ
10. V ADJ
11. ENABLE
12. –SENSE
Pin Assignments
THERMAL BASE PLATE
*
2 INPUT PINS
12 CONTROL PINS
8 OUTPUT PINS
116.8 (4.60)
29
12
1
28
27
26
24
23
22
21
6
7
32
31
Load
+ SENSE
– SENSE
C SHARE
7
1
12
+ SENSE
– SENSE
C SHARE
1
12
CLK OUT
6
CLK IN
+ O/P
– O/P
7
6
Load
+ SENSE
– SENSE
+ O/P
– O/P
18 to 36V
or
36 to 72V
or
90 to 200V
or
180 to 400V
+ I/P
– I/P
Enable
Temp.
Monitor
Current
Monitor
To other
modules
From other
modules
OVP Adjust
Current Limit Adjust
µController
Alarm
Fan control
Remote system on/off
Voltage adjust
7
6
D/A
A/D
A/D
1
12
W9959_02_DCDC_001-073_73
2/8/02
3:55 PM
Page 55


유사한 부품 번호 - AM80A-300L-280F09

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM80188 AMD-AM80188 Datasheet
295Kb / 6P
   Magnetic Disk Controller
AM80188 AMD-AM80188 Datasheet
274Kb / 6P
   Optical Disk Controller
AM805X AMD-AM805X Datasheet
295Kb / 6P
   Magnetic Disk Controller
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
   RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
logo
AMtek SEMICONDUCTORS CO...
AM8068 AMTEK-AM8068 Datasheet
482Kb / 12P
   One Channel H-Bridge Power Driver
May. 2018 V1.1
More results

유사한 설명 - AM80A-300L-280F09

제조업체부품명데이터시트상세설명
logo
Astec America, Inc
AK80A ASTEC-AK80A Datasheet
943Kb / 2P
   240 Watts
logo
Artesyn Technologies
AVO240-48S12-6L ARTESYN-AVO240-48S12-6L Datasheet
650Kb / 4P
   Total Power: 240 Watts
logo
Powerbox
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
logo
Sparkle Power Inc.
FSP240-60PLA SPI-FSP240-60PLA Datasheet
79Kb / 1P
   240 Watts Flex ATX12V Switching Power Supply
logo
Powerbox
PSC240ACR15 POWERBOX-PSC240ACR15 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
logo
Wall Industries,Inc.
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com