전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26001 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM26001
상세설명  1.5A Switching Regulator with High Efficiency Sleep MODE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26001 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM26001 Datasheet HTML 1Page - National Semiconductor (TI) LM26001 Datasheet HTML 2Page - National Semiconductor (TI) LM26001 Datasheet HTML 3Page - National Semiconductor (TI) LM26001 Datasheet HTML 4Page - National Semiconductor (TI) LM26001 Datasheet HTML 5Page - National Semiconductor (TI) LM26001 Datasheet HTML 6Page - National Semiconductor (TI) LM26001 Datasheet HTML 7Page - National Semiconductor (TI) LM26001 Datasheet HTML 8Page - National Semiconductor (TI) LM26001 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM26001
1.5A Switching Regulator with High Efficiency Sleep
Mode
General Description
The LM26001 is a switching regulator designed for the high
efficiency requirements of applications with stand-by modes.
The device features a low-current sleep mode to maintain
efficiency under light-load conditions and current-mode con-
trol for accurate regulation over a wide input voltage range.
Quiescent current is reduced to 10 µA typically in shutdown
mode and less than 40 µA in sleep mode. Forced PWM
mode is also available to disable sleep mode.
The LM26001 can deliver up to 1.5A of continuous load
current with a fixed current limit, through the internal
N-channel switch. The part has a wide input voltage range of
4.0V to 38V and can operate with input voltages as low as
3V during line transients.
Operating frequency is adjustable from 150 kHz to 500 kHz
with a single resistor and can be synchronized to an external
clock.
Other features include Power good, adjustable soft-start,
enable pin, input under-voltage protection, and an internal
bootstrap diode for reduced component count.
Features
n
High efficiency sleep mode
n
40 µA typical Iq in sleep mode
n
10 µA typical Iq in shutdown mode
n
3.0V minimum input voltage
n
4.0V to 38V continuous input range
n
1.5% reference accuracy
n
Cycle-by-cycle current limit
n
Adjustable Frequency (150 kHz to 500 kHz)
n
Synchronizable to an external clock
n
Power Good Flag
n
Forced PWM function
n
Adjustable Soft-start
n
TSSOP-16 exposed pad package
n
Thermal Shut Down
Applications
n
Automotive Telematics
n
Navigation systems
n
In-Dash Instrumentation
n
Battery Powered Applications
n
Stand-by power for home gateways/set-top boxes
Typical Application Circuit
20179401
PRELIMINARY
May 2006
© 2006 National Semiconductor Corporation
DS201794
www.national.com


유사한 부품 번호 - LM26001

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26001 NSC-LM26001 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 TI-LM26001 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001-Q1 TI-LM26001-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

유사한 설명 - LM26001

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com