전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDS5052B 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 TDS5052B
상세설명  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TDS5052B 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TDS5052B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS5052B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Oscilloscopes • www.tektronix.com/tds5000b
11
Digital Phosphor Oscilloscopes
TDS5000B Series
Recommended Probes
P5050 – 500 MHz, 10x passive probe.
P6243 – 1.0 GHz active probe.
P6245 – 1.5 GHz active probe.
P6246 – 400 MHz differential probe.
P6247 – 1.0 GHz differential probe.
P6248 – 1.7 GHz differential probe.
Recommended Accessories
Service Manual – Order 071-1362-00.
Transit Case – Order 016-1937-00.
Probe Calibration, Compensation, and Deskew
Adapter – Order 067-0405-xx.
Power Deskew Fixture – Order 067-1478-00.
Extra Front Panel Removable Hard Drive –
Order 065-0692-00.
Video Display Clamp – Order 013-0278-xx.
Thermal Printer Paper – Order 016-1897-00.
Mini Keyboard – Order 118-9402-00.
USB Test Fixture – Order TDSUSBF.
Ethernet Test Fixture – Order through Crescent
Heart Software (www.c-h-s.com).
Instrument Options (available
on all models unless indicated
otherwise)
Opt. 18 – Touch-screen interface.
Opt. 3M – Increase record length to 16M samples
max (1ch.).
Opt. 1P – Built-in thermal printer.
Opt. FHD*1 – Front panel removable hard drive
(replaces FDD and internal HDD).
Opt. 1K – Oscilloscope cart.
Opt. 1R – Rackmount kit.
Opt. SM – Communication mask testing.
Opt. PS1 – Power Bundle that includes TCP202
DC Coupled Current Probe, P5205 High Voltage
Differential Probe, TDSPWR3 Power Measurement
Software, and Power Deskew Fixture.
Opt. CP2*2 – TDSCPM2 - ANSI/ITU telecom
pulse compliance testing software.
Opt. DVD – TDSDVD - Optical storage
analysis software.
Opt. ET3*3 – TDSET3 - Ethernet compliance
test software.
Opt. J2*4 – TDSDDM2 - Disk drive measurements
software.
Opt. JA3*5 – TDSJIT3 v2.0 Advanced - Jitter and
timing analysis software.
Opt. JE3*5 – TDSJIT v2.0 Essentials - Jitter and
timing analysis software.
Opt. PW3 – TDSPWR3 - Power measurements
software.
Opt. USB*5 – USB 2.0 Compliance test
software only.
*1No upgrade path for this option, must be ordered at time
of initial purchase.
*2Requires option SM.
*3Not available on TDS5054BE
*4Not available on TDS5032B and TDS5034B.
*5Not available on TDS5032B and TDS5052B.
Power Plug Options
Opt. A0 – North America.
Opt. A1 – Universal Euro.
Opt. A2 – United Kingdom.
Opt. A3 – Australia.
Opt. A4 – 240 V North America.
Opt. A5 – Switzerland.
Opt. A6 – Japan.
Opt. A10 – China.
Opt. A99 – No power cord or AC adapter.
Manual Options
Opt. L0 – English manual.
Opt. L1 – French manual.
Opt. L3 – German manual.
Opt. L5 – Japanese manual.
Opt. L7 – Simple Chinese manual.
Opt. L8 – Traditional Chinese manual.
Opt. L9 – Korean manual.
Opt. L10 – Russian manual.
Service Options
Opt. C3 – Calibration Service 3 Years.
Opt. C5 – Calibration Service 5 Years.
Opt. D1 – Calibration Data Report.
Opt. D3 – Calibration Data Report 3 Years
(with Option C3).
Opt. D5 – Calibration Data Report 5 Years
(with Option C5).
Opt. R3 – Repair Service 3 Years (including
warranty).
Opt. R5 – Repair Service 5 Years (including
warranty).
Instrument Upgrades
Upgrades equivalent to original options can be
ordered to extend instrument performance after
initial purchase. Users can install upgrades without
opening the instrument case or requiring on-site
service (except for touch-screen upgrade). To
upgrade, order a TDS5BUP with one or more
of the following options: 18, 1K, M03, 1P, 1R,
SM, CP2, DVD, ET3, J2, J3E, JT3, PW3, USB.
Factory installation of selected options is available
by ordering option IF on your TDS5BUP
upgrade order.


유사한 부품 번호 - TDS5052B

제조업체부품명데이터시트상세설명
logo
TEKTRONIX, INC.
TDS500 TEKTRONIX-TDS500 Datasheet
202Kb / 4P
   Differential Preamplifier
TDS5000 TEKTRONIX-TDS5000 Datasheet
202Kb / 4P
   Differential Preamplifier
More results

유사한 설명 - TDS5052B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com