전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8133BB 데이터시트(PDF) 8 Page - Nippon Precision Circuits Inc

부품명 SM8133BB
상세설명  White LED Driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8133BB 데이터시트(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8133BB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SM8133B
NIPPON PRECISION CIRCUITS INC.—8
VOUT EFFICIENCY
Efficiency of PIN vs. POUT
Backlight LED
× 6pcs, ILED1 to 6 = 20mA,
Flash LED
× 1pc, ILED7 = 0mA,
IOUT = 120mA, ILDO = 0mA
Efficiency of PIN vs. POUT
Backlight LED
× 3pcs, ILED1 to 6 = 15mA,
Flash LED
× 1pc, ILED7 = 0mA,
IOUT = 45mA, ILDO = 0mA
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VIN [V]
VF = 3.2V
VF = 3.4V
VF = 3.6V
VF = 3.8V
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VIN [V]
VF = 3.2V
VF = 3.4V
VF = 3.6V
VF = 3.8V


유사한 부품 번호 - SM8133BB

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8133BB NPC-SM8133BB Datasheet
175Kb / 23P
   White LED Driver IC
More results

유사한 설명 - SM8133BB

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com