전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2109-X-FM 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 SI2109-X-FM
상세설명  SATELLITE RECEIVER FOR DVB-S/DSS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2109-X-FM 데이터시트(HTML) 5 Page - Silicon Laboratories

  SI2109-X-FM Datasheet HTML 1Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 2Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 3Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 4Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 5Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 6Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 7Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 8Page - Silicon Laboratories SI2109-X-FM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Si2107/08/09/10
Preliminary Rev. 0.7
5
Table 3. DC Characteristics
(V3.3 = 3.3 V ±10%, V1.8 = 1.8 V ±10%, TA =0–70ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current, 3.3 V
I3.3
45 Msps, CR 7/8*
313
mA
20 Msps, CR 2/3*
298
mA
Supply Current, 1.8 V
I1.8
45 Msps, CR 7/8*
292
mA
20 Msps, CR 2/3*
217
mA
Input high voltage
VIH
SCL(25), SDA(26)
2.3
5.5
V
Input low voltage
VIL
SCL(25), SDA(26)
0
0.8
V
Input leakage
II
SCL(25), SDA(26)
±10
µA
Output high voltage
VOH
2.4
V
Output low voltage
VOL
——
0.4
V
Output leakage
IOL
——
±10
µA
*Note: LNB dc-dc converter disabled; LNB_EN (CEh[2]) = 0.
Table 4. RF Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input power, single channel
Pi,ch
–81
–23
dBm
Aggregate input power
Pi,agg
–7
dBm
Input impedance, balanced
Zin
ZSOURCE =75 Ω
—75
Ω
Return Loss
–10
dB
Dynamic voltage gain range
ΔGV
—75
dB
Maximum voltage gain
GV(max)
—55
dB
Noise figure
NF
Max gain1
+9.5
+12.5
dB
IP3
IP32
Min gain3
+5
+15
dBm
LO leakage
LLO
950 to 2150 MHz
–70
dBm
LO SSB phase noise
NLO
100 kHz offset
–97
–94
dBc/Hz
1 MHz offset
–97
–94
dBc/Hz
LO DSB phase noise (integrated)
NLO
10 kHz to 1/2 Baud
Rate
—2.1
2.8
°rms
RF synthesizer spurious
At 20 MHz offset
–40
dBc/Hz
Reference oscillator phase noise
At 2 kHz offset
–130
dBc/Hz
LO oscillator settling time
ts,LO
—100
µs
Notes:
1. Max gain = +55 dB.
2. IM3 can be calculated as follows: IM3 = 2 x (IP3 – Pin).
3. Min gain = –35 dB.


유사한 부품 번호 - SI2109-X-FM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI2109-X-FM SILABS-SI2109-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

유사한 설명 - SI2109-X-FM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com