전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3200-X-GS 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI3200-X-GS
상세설명  DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3200-X-GS 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI3200-X-GS Datasheet HTML 1Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 2Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 3Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 4Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 5Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 6Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 7Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 8Page - Silicon Laboratories SI3200-X-GS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
Si3220/25
4
Rev. 1.2
1. Electrical Specifications
Table 1. Absolute Maximum Ratings and Thermal Information1
Parameter
Symbol
Test
Condition
Value
Unit
Supply Voltage, Si3200 and Si3220/Si3225
VDD, VDD1–VDD4
–0.5 to 6.0
V
High Battery Supply Voltage, Si32002
VBATH
Continuous
0.4 to –104
V
10 ms
0.4 to –109
Low Battery Supply Voltage, Si3200
VBAT,VBATL
Continuous
VBATH
V
TIP or RING Voltage, Si3205
VTIP,VRING
Continuous
Pulse < 10 µs
Pulse < 4 µs
–104
VBATH –15
VBATH –35
TIP, RING Current, Si3200
ITIP, IRING
±100
mA
STIPAC, STIPDC, SRINGAC, SRINGDC Current,
Si3220/Si3225
±20
mA
Input Current, Digital Input Pins
IIN
Continuous
±10
mA
Si3220/25 Analog Ground Differential Voltage
(GND1 to ePad, GND2 to ePad, or GND1 to GND2)3
∆VGNDA
±50
mV
Si3220/25 Digital Ground Differential Voltage (GND3
to GND4)3
∆VGNDD
±50
mV
Si3220/25 Analog to Digital Ground Differential Volt-
age (GND1/GND2/ePad to GND3/GND4)3
∆VGND,A–D
±200
mV
Digital Input Voltage
VIND
–0.3 to (VDDD + 0.3)
V
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–40 to 150
°C
Si3220/Si3225 Thermal Resistance,
Typical3 (TQFP-64 ePad)
θJA
25
°C/W
Si3200 Thermal Resistance, Typical4
(SOIC-16 ePad)
θJA
55
°C/W
Continuous Power Dissipation, Si32005
PD
TA =85°C,
SOIC-16
1W
Continuous Power Dissipation, Si3220/25
PD
TA =85°C,
TQFP-64
1.6
W
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. The dv/dt of the voltage applied to the VBAT, VBATH, and VBATL pins must be limited to 10 V/µs.
3. The PCB pad placed under the device package must be connected with multiple vias to the PCB ground layer and to the
GND1-GND4 pins via short traces. The TQFP-64 e-Pad must be properly soldered to the PCB pad during PCB
assembly. This type of low-impedance grounding arrangement is necessary to ensure that maximum differentials are not
exceeded under any operating condition in addition to providing thermal dissipation.
4. The thermal resistance of an exposed pad package is assured when the recommended printed circuit board layout
guidelines are followed correctly. The specified performance requires that the exposed pad be soldered to an exposed
copper surface of equal size and that multiple vias are added to enable heat transfer between the top-side copper
surface and a large internal copper ground plane. Refer to “AN55: Dual ProSLIC® User Guide” or to the Si3220/3225
evaluation board data sheet for specific layout examples.
5. On-chip thermal limiting circuitry will shut down the circuit at a junction temperature of approximately 150 °C. For optimal
reliability, junction temperatures above 140 °C should be avoided.


유사한 부품 번호 - SI3200-X-GS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3200-X-GS SILABS-SI3200-X-GS Datasheet
2Mb / 128P
   DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
More results

유사한 설명 - SI3200-X-GS

제조업체부품명데이터시트상세설명
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com