전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3220-X-GQ 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI3220-X-GQ
상세설명  DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3220-X-GQ 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI3220-X-GQ Datasheet HTML 2Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 3Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 4Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 5Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 6Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 7Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 8Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 9Page - Silicon Laboratories SI3220-X-GQ Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
Si3220/25
6
Rev. 1.2
VDD Supply Current
(Si3200)
IVDD
Sleep mode, RESET = 0
110
µA
Open (high-impedance)
110
µA
Active on-hook standby
110
µA
Forward/reverse active off-hook,
ABIAS = 4 mA, VBAT = –24 V
—110
µA
Forward/reverse OHT, OBIAS = 4 mA,
VBAT = –70 V
—110
µA
Ringing, VRING =45Vrms,
VBAT =–70 V,
Sine Wave, 1 REN load
—110
µA
VBAT Supply Current
(Si3200)
IVBAT
Sleep mode, RESET=0,
VBAT = –70 V
100
µA
Open (high-impedance),
VBAT = –70 V
189
µA
Active on-hook standby,
VBAT = –70 V
517
µA
Forward/reverse active off-hook,
ABIAS = 4 mA, VBAT = –24 V
4.5 +
ILIM
—mA
Forward/reverse OHT, OBIAS = 4 mA,
VBAT = –70 V
—8.6
mA
Ringing, VRING =45Vrms,
VBAT =–70 V,
Sine Wave, 1 REN load2
—6.5
mA
Table 3. 3.3 V Power Supply Characteristics1 (Continued)
(VDD, VDD1 – VDD4 = 3.3 V, TA = 0 to 70 °C for K/F-Grade, –40 to 85 °C for B/G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All specifications are for a single channel based on measurements with both channels in the same operating state.
2. See "3.14.4. Ringing Power Considerations" on page 53 for current and power consumption under other operating
conditions.
3. Power consumption does not include additional power required for dc loop feed. Total system power consumption must
include an additional (VDD + |VBAT|) x ILOOP term.


유사한 부품 번호 - SI3220-X-GQ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
Silicon image
Si3220 SILICONIMAGE-Si3220 Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
More results

유사한 설명 - SI3220-X-GQ

제조업체부품명데이터시트상세설명
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com