전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8441-A-IS 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 SI8441-A-IS
상세설명  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8441-A-IS 데이터시트(HTML) 1 Page - Silicon Laboratories

  SI8441-A-IS Datasheet HTML 1Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 2Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 3Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 4Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 5Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 6Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 7Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 8Page - Silicon Laboratories SI8441-A-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev. 0.3 4/06
Copyright © 2006 by Silicon Laboratories
Si8440/1/2
Si8440/1/2
QUAD-CHANNEL DIGITAL ISOLATOR
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of digital isolators are CMOS devices that employ
an RF coupler to transmit digital information across an isolation
barrier. Very high speed operation at low power levels is achieved.
These parts are available in a 16-pin wide body SOIC package. Three
speed grade options (1, 10, 100 Mbps) are available and achieve
typical propagation delay of less than 10 ns.
Block Diagram
High-speed operation:
DC – 150 Mbps
Low propagation delay:
<10 ns
Wide Operating Supply Voltage:
2.375–5.5 V
Low power: I1 + I2 <
12 mA/channel at 100 Mbps
Precise timing:
2 ns pulse width distortion
1 ns channel-channel matching
2 ns pulse width skew
2500 VRMS isolation
Transient Immunity: >25 kV/µs
Tri-state outputs with ENABLE
control
DC correct
No start-up initialization required
<10 µs Startup Time
High temperature operation:
125 °C at 100 Mbps
100 °C at 150 Mbps
Wide body SOIC-16 package
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power factor correction systems
UL recognition:2500 VRMS for 1
Minute per UL1577
CSA component acceptance
notice #5A
* All Pending
VDE certification conformity
DIN EN 60747-5-2 (VDE0884
Part 2):2003-01
DIN EN60950(VDE0805):
2001-12;EN60950:2000
VIORM = 560 VPEAK
Si8441
Si8442
B1
A1
A3
A4
A2
B3
B4
B2
Si8440
A1
A3
A4
A2
B3
B4
B2
B1
A1
A3
A4
A2
B3
B4
B2
B1
NC
EN1
EN1
EN2
EN2
EN2
Pin Assignments
Wide Body SOIC
V
DD1
GND1
A1
A3
A4
EN1
GND1
A2
1
2
3
4
5
6
7
8
Top View
V
DD2
GND2
B2
B1
B4
B3
GND2
EN2
9
12
11
10
13
14
15
16


유사한 부품 번호 - SI8441-A-IS

제조업체부품명데이터시트상세설명
logo
Silicon image
Si8441 SILICONIMAGE-Si8441 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8441 SILABS-SI8441 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441 ETC2-SI8441 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8441AA-D-IS1 SILABS-SI8441AA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

유사한 설명 - SI8441-A-IS

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com