전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2024B 데이터시트(PDF) 6 Page - Tripath Technology Inc.

부품명 TA2024B
상세설명  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024B 데이터시트(HTML) 6 Page - Tripath Technology Inc.

Back Button TA2024B Datasheet HTML 2Page - Tripath Technology Inc. TA2024B Datasheet HTML 3Page - Tripath Technology Inc. TA2024B Datasheet HTML 4Page - Tripath Technology Inc. TA2024B Datasheet HTML 5Page - Tripath Technology Inc. TA2024B Datasheet HTML 6Page - Tripath Technology Inc. TA2024B Datasheet HTML 7Page - Tripath Technology Inc. TA2024B Datasheet HTML 8Page - Tripath Technology Inc. TA2024B Datasheet HTML 9Page - Tripath Technology Inc. TA2024B Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
6
TA2024B –KL/1.2/01.06
EXTERNAL COM P ONENTS DESCR I PTION (Refer to the Application/Test Circuit)
Components Description
RI
Inverting Input Resistance to provide AC gain in conjunction with RF. This input is
biased at the BIASCAP voltage (approximately 2.4VDC).
RF
Feedback resistor to set AC gain in conjunction with RI;
)
R
/
R
(
12
A
I
F
V =
. Please refer
to the Amplifier Gain paragraph in the Application Information section.
CI
AC input coupling capacitor which, in conjunction with RI, forms a highpass filter at
)
C
R
2
(
1
f
I
I
C
π
=
RREF
Bias resistor. Locate close to pin 6 (REF) and ground at pin 8 (AGND2).
CA
BIASCAP decoupling capacitor. Should be located close to pin 16.
CD
Charge pump input capacitor. This capacitor should be connected directly between
pins 2 (DCAP2) and 3 (DCAP1) and located physically close to the TA2024B.
CP
Charge pump output capacitor that enables efficient high side gate drive for the
internal H-bridges. To maximize performance, this capacitor should be connected
directly between pin 36 (CPUMP) and pin 33 (VDDA). Please observe the polarity
shown in the Application/ Test Circuit.
CS
Supply decoupling for the low current power supply pins. For optimum performance,
these components should be located close to the pin and returned to their
respective ground as shown in the Application/Test Circuit.
CSW
Supply decoupling for the high current, high frequency H-Bridge supply pins. These
components must be located as close to the device as possible to minimize supply
overshoot and maximize device reliability. Both the high frequency bypassing
(0.1uF) and bulk capacitor (180uF) should have good high frequency performance
including low ESR and low ESL. Panasonic HFQ or FC capacitors are ideal for the
bulk capacitor.
CZ
Zobel Capacitor.
RZ
Zobel resistor, which in conjunction with CZ, terminates the output filter at high
frequencies. The combination of RZ and CZ minimizes peaking of the output filter
under both no load conditions or with real world loads, including loudspeakers which
usually exhibit a rising impedance with frequency.
DO
Schottky diodes that minimize undershoots of the outputs with respect to power
ground during switching transitions. For maximum effectiveness, these diodes must
be located close to the output pins and returned to their respective PGND. Please
see Application/Test Circuit for ground return pin.
LO
Output inductor, which in conjunction with CO and CDO, demodulates (filters) the
switching waveform into an audio signal. Forms a second order filter with a cutoff
frequency of
)
C
L
2
(
1
O
TOT
C
f
π
=
and a quality factor of
TOT
TOT
L C
R
Q
C
L
2
O
=
where CTOT = CO || 2 * CDO.
CO
Output capacitor.
CDO
Differential Output Capacitor. Differential noise decoupling for reduction of
conducted emissions. Must be located near chassis exit point for maximum
effectiveness.


유사한 부품 번호 - TA2024B

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

유사한 설명 - TA2024B

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com