전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2024C 데이터시트(PDF) 3 Page - Tripath Technology Inc.

부품명 TA2024C
상세설명  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024C 데이터시트(HTML) 3 Page - Tripath Technology Inc.

  TA2024C Datasheet HTML 1Page - Tripath Technology Inc. TA2024C Datasheet HTML 2Page - Tripath Technology Inc. TA2024C Datasheet HTML 3Page - Tripath Technology Inc. TA2024C Datasheet HTML 4Page - Tripath Technology Inc. TA2024C Datasheet HTML 5Page - Tripath Technology Inc. TA2024C Datasheet HTML 6Page - Tripath Technology Inc. TA2024C Datasheet HTML 7Page - Tripath Technology Inc. TA2024C Datasheet HTML 8Page - Tripath Technology Inc. TA2024C Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
3
TA2024C –KL/1.0/01.06
EL ECTR I CAL CHA RACTER I S T I C S
See Test/Application Circuit. Unless otherwise specified, VDD = 12V, f = 1kHz, Measurement
Bandwidth = 22kHz, RL = 4Ω, TA = 25 °C, Package heat slug soldered to 2.8 square-inch PC pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
PO
Output Power
(Continuous Average/Channel)
THD+N = 0.1%
RL = 4Ω
RL = 8Ω
THD+N = 10%
RL = 4Ω
RL = 8Ω
9
5.5
12
8
11
6
15
10
W
W
W
W
IDD,MUTE
Mute Supply Current
MUTE = VIH
25
TBD
mA
IDD, SLEEP
Sleep Supply Current
SLEEP = VIH
0.25
2
mA
Iq
Quiescent Current
VIN = 0 V
61
75
mA
THD + N
Total Harmonic Distortion Plus
Noise
PO = 9W/Channel
0.03
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF)
0.10
0.5
%
SNR
Signal-to-Noise Ratio
A-Weighted, POUT = 15W, RL = 4Ω
98
dB
CS
Channel Separation
f = 1 kHz
20 Hz
< f < 20 kHz
50
85
60
dB
dB
PSRR
Power Supply Rejection Ratio
VDD = 9V to 13.2V
Vripple = 100mVrms, f=1kHz
65
75
65
dB
dB
η
Power Efficiency
POUT = 10W/Channel, RL = 8Ω
90
%
VOFFSET
Output Offset Voltage
No Load, MUTE = Logic Low
50
150
mV
VOH
High-level output voltage
(FAULT & OVERLOAD)
3.5
V
VOL
Low-level output voltage
(FAULT & OVERLOAD)
1
V
eOUT
Output Noise Voltage
A-Weighted, input AC grounded
100
µV
Note: Minimum and maximum limits are guaranteed but may not be 100% tested.


유사한 부품 번호 - TA2024C

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

유사한 설명 - TA2024C

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com