전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2041A 데이터시트(PDF) 8 Page - Tripath Technology Inc.

부품명 TA2041A
상세설명  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2041A 데이터시트(HTML) 8 Page - Tripath Technology Inc.

Back Button TA2041A Datasheet HTML 4Page - Tripath Technology Inc. TA2041A Datasheet HTML 5Page - Tripath Technology Inc. TA2041A Datasheet HTML 6Page - Tripath Technology Inc. TA2041A Datasheet HTML 7Page - Tripath Technology Inc. TA2041A Datasheet HTML 8Page - Tripath Technology Inc. TA2041A Datasheet HTML 9Page - Tripath Technology Inc. TA2041A Datasheet HTML 10Page - Tripath Technology Inc. TA2041A Datasheet HTML 11Page - Tripath Technology Inc. TA2041A Datasheet HTML 12Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
8
TA2041A – KL/ Rev. 5.4/04.05
Application/Test Circuit
TA2041A
C
B
0.1uF
MUTEB
Processing
&
Modulation
PGND12
VPP1
C
Z
0.47uF
R
Z
10
Ω, 2W
OUT1P
30
OUT1N
27
L
O
10uH
PGND12
VPP1
D
O
D
O
L
O
10uH
D
O
D
O
PGND (PIN 28)
VPP (PIN 29)
PGND (PIN 28)
VPP(PIN 29)
C
O
0.47uF
IN1 1
V5
AGND
50K
-
+
C
I
0.47uF
+
C
O
0.47uF
Processing
&
Modulation
PGND12
VPP2
C
Z
0.47uF
R
Z
10
Ω, 2W
OUT2P
24
OUT2N
26
L
O
10uH
PGND12
VPP2
D
O
D
O
L
O
10uH
D
O
D
O
PGND (PIN 28)
VPP (PIN 25)
PGND (PIN 28)
VPP(PIN 25)
C
O
0.47uF
IN2 2
V5
AGND
50K
-
+
C
I
0.47uF
+
C
O
0.47uF
Processing
&
Modulation
PGND34
VPP3
C
Z
0.47uF
R
Z
10
Ω, 2W
OUT3P
22
OUT3N
20
L
O
10uH
PGND34
VPP3
D
O
D
O
L
O
10uH
D
O
D
O
PGND (PIN 18)
VPP (PIN 21)
PGND (PIN 18)
VPP(PIN 21)
C
O
0.47uF
IN3 3
V5
AGND
50K
-
+
C
I
0.47uF
+
C
O
0.47uF
Processing
&
Modulation
PGND34
VPP4
C
Z
0.47uF
R
Z
10
Ω, 2W
OUT4P
16
OUT4N
19
L
O
10uH
PGND34
VPP4
D
O
D
O
L
O
10uH
D
O
D
O
PGND (PIN 18)
VPP (PIN 17)
PGND (PIN 18)
VPP(PIN 17)
C
O
0.47uF
IN4 4
V5
AGND
50K
-
+
C
I
0.47uF
+
C
O
0.47uF
2.5V
9
AGND
5
BIASCAP
7
AM
8
OVRLDB
12 HMUTEB
32 DCAP1
31 DCAP2
C
CP
0.1uF
29 VPP1
25 VPP2
C
BR
0.1uF
28 PGND12
C
BR
0.1uF
+
C
BR
1000uF
VPP
PGND
23 FAULT
V
REGEXT
R
FAULT
51K
21 VPP3
17 VPP4
C
BR
0.1uF
18 PGND34
C
BR
0.1uF
+
C
BR
1000uF
VPP
PGND
11
5VGEN
10
AGND
C
S
0.1uF
+
C
S
3.3uF
15
CPUMP
13
VPPA
C
CP
0.1uF
+
C
CP
3.3uF
VPP
14
AGND
C
S
0.1uF
V
REGEXT
SLEEPB
6
AGND
V
REGEXT
R
L
C
DO
0.01uF
R
L
C
DO
0.01uF
R
L
C
DO
0.01uF
R
L
C
DO
0.01uF


유사한 부품 번호 - TA2041A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA2041A TAI-SAW-TA2041A Datasheet
502Kb / 9P
   SAW Rx Filter 806MHz LTE Band 20 SMD 1109 (30MHz BW)
More results

유사한 설명 - TA2041A

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com