전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2075A 데이터시트(PDF) 2 Page - Tripath Technology Inc.

부품명 TDA2075A
상세설명  STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPATH [Tripath Technology Inc.]
홈페이지  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TDA2075A 데이터시트(HTML) 2 Page - Tripath Technology Inc.

  TDA2075A Datasheet HTML 1Page - Tripath Technology Inc. TDA2075A Datasheet HTML 2Page - Tripath Technology Inc. TDA2075A Datasheet HTML 3Page - Tripath Technology Inc. TDA2075A Datasheet HTML 4Page - Tripath Technology Inc. TDA2075A Datasheet HTML 5Page - Tripath Technology Inc. TDA2075A Datasheet HTML 6Page - Tripath Technology Inc. TDA2075A Datasheet HTML 7Page - Tripath Technology Inc. TDA2075A Datasheet HTML 8Page - Tripath Technology Inc. TDA2075A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
T r ip a t h T e ch n o lo gy, In c . - T ech n i c a l In fo r m a t i o n
2
TDA20 75A – R e v . 0 . 9 / KL i / 10 .0 5
Absolute Maximum Ratings (Note 1)
SYMBOL
PARAMETER
Value
UNITS
V5
5V Power Supply
6
V
Vlogic
Input logic level
V5 + 0.3
V
V10
10V Power Supply
12
V
TSTORE
Storage Temperature Range
-55º to 150º
°C
VPP, VNN
Supply Voltage (Note 5)
+/-70
V
TA
Operating Free-air Temperature Range
-40º to 85º
°C
TJ
Junction Temperature
150º
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2)
All pins
2000
V
ESDMM
ESD Susceptibility – Machine Model (Note 3)
All pins
200
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
Note 3: Machine model, 220pF – 240pF discharged through all pins.
Operating Conditions (Note 4)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
V5
5V Power Supply
4.5
5
5.5
V
V10
10V Power Supply
9
10
11
V
TA
Operating Temperature Range
-40
25
85
°C
VPP
Positive Supply Voltage (note 5)
15
65
V
VNN
Negative Supply Voltage (note 5)
-15
-65
V
Note 4: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Note 5: The supply limitation is based on the internal over-current detection circuit. This limitation is
subject to additional characterization. In addition, depending on feedback configuration, the TDA2075A
can be used in single-supply applications, in which case, the negative supply, VNN, is not needed.
Thermal Characteristics
SYMBOL
PARAMETER
Value
UNITS
θJA
Junction-to-ambient Thermal Resistance (still air)
TBD
C/W


유사한 부품 번호 - TDA2075A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
TDA2002 FAIRCHILD-TDA2002 Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002AH FAIRCHILD-TDA2002AH Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002AV FAIRCHILD-TDA2002AV Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002H FAIRCHILD-TDA2002H Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
TDA2002V FAIRCHILD-TDA2002V Datasheet
374Kb / 9P
   8 WATT AUDIO POWER AMPLIFIERS
More results

유사한 설명 - TDA2075A

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TA3020 TRIPATH-TA3020 Datasheet
284Kb / 29P
   Stereo 300W (4?? Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA1400 TRIPATH-TDA1400 Datasheet
479Kb / 25P
   MONO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TCD6001 TRIPATH-TCD6001 Datasheet
411Kb / 43P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TCD6000 TRIPATH-TCD6000 Datasheet
676Kb / 36P
   6 CHANNEL CLASS-T DIGITAL AUDIO PROCESSOR USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com