전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F0100106B 데이터시트(PDF) 5 Page - Eudyna Devices Inc

부품명 F0100106B
상세설명  3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100106B 데이터시트(HTML) 5 Page - Eudyna Devices Inc

  F0100106B Datasheet HTML 1Page - Eudyna Devices Inc F0100106B Datasheet HTML 2Page - Eudyna Devices Inc F0100106B Datasheet HTML 3Page - Eudyna Devices Inc F0100106B Datasheet HTML 4Page - Eudyna Devices Inc F0100106B Datasheet HTML 5Page - Eudyna Devices Inc F0100106B Datasheet HTML 6Page - Eudyna Devices Inc F0100106B Datasheet HTML 7Page - Eudyna Devices Inc F0100106B Datasheet HTML 8Page - Eudyna Devices Inc F0100106B Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3.3 V / 156 Mb/s Transimpedance Amplifier
F0100106B
Test Circuits
1) AC Characteristics
2) Sensitivity Characteristics
E/O
Converter
Optical
Attenuater
Bit Error
Rate Tester
PD
Pulse
Pattern
Generator
Comparator
SEI
F0300232Q
VPD
VCC
3.3V
3.3V
CLK
0.022µF
0.022µF
0.022µF
DUT
50Ω
50Ω
50Ω
Network Analyzer
Prober
OUT
OUT
VDD
VSS
IN
DUT
Switch
Pin=-50 dBm
f=300 kHz~3 GHz


유사한 부품 번호 - F0100106B

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
More results

유사한 설명 - F0100106B

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1010W SIGE-SE1010W Datasheet
114Kb / 9P
   LightChargerTM 622 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com