전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F0100208B 데이터시트(PDF) 2 Page - Eudyna Devices Inc

부품명 F0100208B
상세설명  3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100208B 데이터시트(HTML) 2 Page - Eudyna Devices Inc

  F0100208B Datasheet HTML 1Page - Eudyna Devices Inc F0100208B Datasheet HTML 2Page - Eudyna Devices Inc F0100208B Datasheet HTML 3Page - Eudyna Devices Inc F0100208B Datasheet HTML 4Page - Eudyna Devices Inc F0100208B Datasheet HTML 5Page - Eudyna Devices Inc F0100208B Datasheet HTML 6Page - Eudyna Devices Inc F0100208B Datasheet HTML 7Page - Eudyna Devices Inc F0100208B Datasheet HTML 8Page - Eudyna Devices Inc F0100208B Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3.3 V / 622 Mb/s Transimpedance Amplifier
F0100208B
Absolute Maximum Ratings
T
a=25 °C ,
unless specified
Recommended Operating Conditions
T
a=25 °C , VDD=+3.3 V, VSS=GND, unless specified
Electrical Characteristics
T
a=25 °C , VDD=3.3 V, VSS=GND, unless specified
*1 ZTP,N=
(R1+50)
2
×10
S21P,N
20
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
SV
D
D
V
S
S
V
o
t
5
.
0
-
S
S
0
.
4
+V
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
0
5A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
t
n
e
i
b
m
AT
a
0
9
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
g
t
s
5
2
1
+
o
t
0
5
-C
°
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
.
n
i
M.
x
a
M
e
g
a
t
l
o
V
y
l
p
p
u
SV
D
D
9
.
26
.
3V
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
t
n
e
i
b
m
AT
a
05
8C
°
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
T
e
u
l
a
V
s
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
C
D8
15
35
4A
m
)
e
v
i
t
i
s
o
P
(
n
i
a
GS
P
1
2
,
z
H
M
1
=
f
m
B
d
0
5
-
=
N
I
P
0
5
=
L
R
7
25
.
8
22
3B
d
)
e
v
i
t
a
g
e
n
(
n
i
a
GS
N
1
2
,
z
H
M
1
=
f
m
B
d
0
5
-
=
N
I
P
0
5
=
L
R
7
25
.
8
22
3B
d
f
f
o
-
t
u
C
y
c
n
e
u
q
e
r
F
h
g
i
H
B
d
3
-
)
e
v
i
t
i
s
o
p
(F
P
C
0
5
=
L
R
m
B
d
0
5
-
=
N
I
P
5
6
20
4
30
0
6z
H
M
f
f
o
-
t
u
C
y
c
n
e
u
q
e
r
F
h
g
i
H
B
d
3
-
)
e
v
i
t
a
g
e
n
(F
N
C
0
5
=
L
R
m
B
d
0
5
-
=
N
I
P
5
6
20
2
30
0
6z
H
M
e
c
n
a
d
e
p
m
I
t
u
p
n
IR
I
z
H
M
1
=
f0
5
30
5
40
5
5
)
e
v
i
t
i
s
o
p
(
e
c
n
a
d
e
p
m
I
-
s
n
a
r
TZ
P
T
z
H
M
1
=
f
,
1
*5
.
45
.
6-
KΩ
)
e
v
i
t
a
g
e
n
(
e
c
n
a
d
e
p
m
I
-
s
n
a
r
TZ
N
T
z
H
M
1
=
f
,
1
*5
.
45
.
6-
KΩ
)
e
v
i
t
i
s
o
p
(
e
g
a
t
l
o
V
t
u
p
t
u
OV
P
O
C
D5
.
14
.
29
.
2V
)
e
v
i
t
a
g
e
n
(
e
g
a
t
l
o
V
t
u
p
t
u
OV
N
O
C
D5
.
14
.
29
.
2V
e
g
a
t
l
o
V
t
u
p
n
IV
I
C
D5
6
.
08
8
.
05
0
.
1V


유사한 부품 번호 - F0100208B

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
More results

유사한 설명 - F0100208B

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1010W SIGE-SE1010W Datasheet
114Kb / 9P
   LightChargerTM 622 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com