전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F0100504B 데이터시트(PDF) 2 Page - Eudyna Devices Inc

부품명 F0100504B
상세설명  3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100504B 데이터시트(HTML) 2 Page - Eudyna Devices Inc

  F0100504B Datasheet HTML 1Page - Eudyna Devices Inc F0100504B Datasheet HTML 2Page - Eudyna Devices Inc F0100504B Datasheet HTML 3Page - Eudyna Devices Inc F0100504B Datasheet HTML 4Page - Eudyna Devices Inc F0100504B Datasheet HTML 5Page - Eudyna Devices Inc F0100504B Datasheet HTML 6Page - Eudyna Devices Inc F0100504B Datasheet HTML 7Page - Eudyna Devices Inc F0100504B Datasheet HTML 8Page - Eudyna Devices Inc F0100504B Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
F0100504B
3.3V/5V 2.5Gbps Transimpedance Amplifier
Absolute Maximum Ratings
All published data at Ta=25
°C unless otherwise indicated. This device isn’t guaranteed opto-electric
characteristics in these ranges. At least, this device isn’t broken in these ranges.
VSS=0V
Parameter
Symbol
Value
Units
Attentions
Supply Voltage
VDD3.3
-0.3 to +5.0V
V
at 3.3V operation
Supply Voltage
VDD5.0
-0.3 to +7.0V
V
at 5.0V operation
Input Current
Iinpeak
4
mA
-
Ambient Operating Temperature
Ta
-40 to +90
°C
-
Storage Temperature
Tstg
-50 to 125
°C
-
Recommended Operating Conditions
VSS=0V,unless specified
Value
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Attentions
Supply Voltage
VDD3.3
3.10
3.30
3.60
V
at 3.3V operation
Supply Voltage
VDD5.0
4.75
5.00
5.25
V
at 5.0V operation
Operating Temperature
Tc*
0
25
85
°C
Input Capacitance
Cpd
-
0.3
-
pF
* Tc:Back side temperature of wafer


유사한 부품 번호 - F0100504B

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
More results

유사한 설명 - F0100504B

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
F0100406B EUDYNA-F0100406B Datasheet
276Kb / 10P
   3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com