전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5059VF 데이터시트(PDF) 10 Page - Eudyna Devices Inc

부품명 FMM5059VF
상세설명  Ku Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5059VF 데이터시트(HTML) 10 Page - Eudyna Devices Inc

Back Button FMM5059VF Datasheet HTML 6Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 7Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 8Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 9Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 10Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 11Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 12Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 13Page - Eudyna Devices Inc FMM5059VF Datasheet HTML 14Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Ku band Power Amplifier MMIC
FMM5059VF
0
4
8
12
16
20
24
28
32
36
10
11
12
13
14
15
16
17
18
19
20
Frequency [ GHz ]
■ S-PARAMETER
-40
-35
-30
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
17
18
19
20
Frequenty [ GHz ]
- Input 
 
 
 Return Loss
- Output Return Loss
Input/Output Return Loss vs. Frequency
VDD=7V, IDD=1300mA, Pin=-20 dBm
Small Signal Gain vs. Frequency
VDD=7V, IDD=1300mA, Pin=-20dBm


유사한 부품 번호 - FMM5059VF

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
   5.8-7.2GHz Power Amplifier MMIC
More results

유사한 설명 - FMM5059VF

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com