전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5107MLT4E1 데이터시트(PDF) 2 Page - Eudyna Devices Inc

부품명 FMM5107MLT4E1
상세설명  MMIC X/Ku-Band DBS Downconverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5107MLT4E1 데이터시트(HTML) 2 Page - Eudyna Devices Inc

  FMM5107MLT4E1 Datasheet HTML 1Page - Eudyna Devices Inc FMM5107MLT4E1 Datasheet HTML 2Page - Eudyna Devices Inc FMM5107MLT4E1 Datasheet HTML 3Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FMM5107MLT4E1
MMIC X/Ku-Band DBS Downconverter
Evaluation Circuit
Package Dimensions
hybrid
1. IF
2. GND
3. LO/RF1
4. LO/RF2
5. GND
6. VDD
Unit :::: mm
0.95(typ.)
0.35~0.5
12
3
4
5
6
2.6~3.0
1.9(typ.)
2.8~3.0
0.9~1.45
0.0~0.15
0.9~1.3
0.09~0.2
1.5~1.75
0.25(typ.)
0.35~0.55
0.5~0.7
0~10°
Rev 3.0
June 6 , 2005


유사한 부품 번호 - FMM5107MLT4E1

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
FMM5125X EUDYNA-FMM5125X Datasheet
230Kb / 9P
   15/60GHz Frequency Multiplier MMIC
More results

유사한 설명 - FMM5107MLT4E1

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX2106 MAXIM-MAX2106 Datasheet
182Kb / 10P
   DBS Direct Downconverter
19-1627; Rev 2; 6/03
MAX2106 MAXIM-MAX2106_05 Datasheet
188Kb / 10P
   DBS Direct Downconverter
Rev 3; 6/05
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
California Eastern Labs
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2721GV NEC-UPC2721GV Datasheet
50Kb / 5P
   SILICON MMIC L BAND DOWNCONVERTER
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
   SILICON MMIC L-BAND DOWNCONVERTER
logo
Advanced Semiconductor ...
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com