전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5715X 데이터시트(PDF) 2 Page - Eudyna Devices Inc

부품명 FMM5715X
상세설명  60GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5715X 데이터시트(HTML) 2 Page - Eudyna Devices Inc

  FMM5715X Datasheet HTML 1Page - Eudyna Devices Inc FMM5715X Datasheet HTML 2Page - Eudyna Devices Inc FMM5715X Datasheet HTML 3Page - Eudyna Devices Inc FMM5715X Datasheet HTML 4Page - Eudyna Devices Inc FMM5715X Datasheet HTML 5Page - Eudyna Devices Inc FMM5715X Datasheet HTML 6Page - Eudyna Devices Inc FMM5715X Datasheet HTML 7Page - Eudyna Devices Inc FMM5715X Datasheet HTML 8Page - Eudyna Devices Inc FMM5715X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4
6
8
10
12
14
16
18
-14
-12
-10
-8
-6
-4
-2
0
2
4
Input Power (dBm)
Output Power vs. Input Power
Bias Conditions: VDD = 3V, VGG = 0 V
60GHz Power Amplifier MMIC
2
FMM5715X
Output Power vs. Frequency
Bias Conditions: VDD = 3V, VGG = 0 V
f=64GHz
f=60GHz
f=57GHz
4
6
8
10
12
14
16
18
54
56
58
60
62
64
66
68
Freq (GHz)
P1dB
Pin = -4 dBm
Pin = -6 dBm
Pin = -8 dBm
Pin = 0 dBm
Pin = -2 dBm
Pin= -10 dBm
Pin = 2 dBm
Typical on chip measurements


유사한 부품 번호 - FMM5715X

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
More results

유사한 설명 - FMM5715X

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PEM004 PASTERNACK-PEM004 Datasheet
593Kb / 7P
   60GHz Baseboard I/Q Module
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com