전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5820QH 데이터시트(PDF) 7 Page - Eudyna Devices Inc

부품명 FMM5820QH
상세설명  Ka-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5820QH 데이터시트(HTML) 7 Page - Eudyna Devices Inc

Back Button FMM5820QH Datasheet HTML 3Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 4Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 5Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 6Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 7Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 8Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 9Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 10Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 11Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Ka-Band Power Amplifier MMIC
FMM5820QH
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
Frequency [GHz]
S21
S11
S22
S-Parameter
VDD=7V, IDD=1500mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
27
28
29
30
31
32
33
Frequency [GHz]
S21
S11
S22


유사한 부품 번호 - FMM5820QH

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
More results

유사한 설명 - FMM5820QH

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com