전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5820X 데이터시트(PDF) 3 Page - Eudyna Devices Inc

부품명 FMM5820X
상세설명  Ka-Band Power Amplifier MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5820X 데이터시트(HTML) 3 Page - Eudyna Devices Inc

  FMM5820X Datasheet HTML 1Page - Eudyna Devices Inc FMM5820X Datasheet HTML 2Page - Eudyna Devices Inc FMM5820X Datasheet HTML 3Page - Eudyna Devices Inc FMM5820X Datasheet HTML 4Page - Eudyna Devices Inc FMM5820X Datasheet HTML 5Page - Eudyna Devices Inc FMM5820X Datasheet HTML 6Page - Eudyna Devices Inc FMM5820X Datasheet HTML 7Page - Eudyna Devices Inc FMM5820X Datasheet HTML 8Page - Eudyna Devices Inc FMM5820X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Ka-Band Power Amplifier MMIC
FMM5820X
Output Power, Drain Current vs.
Input Power by Drain Voltage
Output Power, Drain Current vs.
Input Power by Drain Voltage
Output Power, Drain Current vs.
Input Power by Drain Voltage
Output Power, Gain vs. Drain Voltage
@f=29.5GHz, IDD(DC)=1500mA
22
24
26
28
30
32
34
36
38
-2
02468
10
12
14
16
18
20
Input Power [dBm]
1400
1600
1800
2000
2200
2400
2600
2800
3000
VDD=5V
6V
7V
8V
Pout
Drain Current
@f=29.75GHz, IDD(DC)=1500mA
22
24
26
28
30
32
34
36
38
-2
0
2
4
6
8
1012
14
161820
Input Power [dBm]
1400
1600
1800
2000
2200
2400
2600
2800
3000
VDD=5V
6V
7V
8V
Pout
Drain Current
@f=30.0GHz, IDD(DC)=1500mA
22
24
26
28
30
32
34
36
38
-2
0
2
4
6
8
101214161820
Input Power [dBm]
1400
1600
1800
2000
2200
2400
2600
2800
3000
VDD=5V
6V
7V
8V
Pout
Drain Current
@IDD(DC)=1500mA
26
28
30
32
34
36
38
456
78
9
Drain Voltage VDD [V]
20
22
24
26
28
30
32
f=29.5GHz
29.75GHz
30GHz
G1dB
P1dB


유사한 부품 번호 - FMM5820X

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
More results

유사한 설명 - FMM5820X

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com