전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMM5826X 데이터시트(PDF) 1 Page - Eudyna Devices Inc

부품명 FMM5826X
상세설명  Ka-Band Power Amplifier MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUDYNA [Eudyna Devices Inc]
홈페이지  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5826X 데이터시트(HTML) 1 Page - Eudyna Devices Inc

  FMM5826X Datasheet HTML 1Page - Eudyna Devices Inc FMM5826X Datasheet HTML 2Page - Eudyna Devices Inc FMM5826X Datasheet HTML 3Page - Eudyna Devices Inc FMM5826X Datasheet HTML 4Page - Eudyna Devices Inc FMM5826X Datasheet HTML 5Page - Eudyna Devices Inc FMM5826X Datasheet HTML 6Page - Eudyna Devices Inc FMM5826X Datasheet HTML 7Page - Eudyna Devices Inc FMM5826X Datasheet HTML 8Page - Eudyna Devices Inc FMM5826X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Ka-Band Power Amplifier MMIC
FEATURES
•High Output Power; P1dB = 28 dBm (Typ.)
•High Linear Gain; GL = 21 dB(Typ.)
•Frequency Band ; 27.0 - 30.0 GHz
•High Linearity ; OIP3 = 37dBm(typ.)
•Impedance Matched Zin/Zout = 50
Edition 1.1
January 2006
FMM5826X
DESCRIPTION
The FMM5826X is a power amplifier MMIC that contains a three-
stage amplifier, internally matched, for standard communications
band in the 27.0 to 30.0GHz frequency range. This product is well
suited for point-to-point radio and Ka-band V-SAT applications.
Eudyna’s stringent Quality Assurance Program assures the
highest reliability and consistent performance.
ABSOLUTE MAXIMUM RATING(Ambient Temperature Ta=25℃
)
Item
Symbol
Unit
Drain-Source VoltageVDD
V
Gate-Source VoltageVGG
V
Input Power
Pin
dBm
Storage Temperature
Tstg
RECOMMENDED OPERATING CONDITIONS
Item
Symbol
Unit
Drain-Source VoltageVDD
V
Input Power
Pin
dBm
Operating Backside Temperature
Top
This product should be hermetically packaged.
ELECTRICAL CHARACTERISTICS (Operating Backside Temperature Tc(op)=25℃
)
Unit
Min.
Typ.
Max.
Frequency Range
f
VDD=6V
27
-
30
GHz
Output Power at 1dB G.C.P.
P1dB
IDD(DC)=350mA(typ)
26.0
28.0
-
dBm
Power Gain at 1dB G.C.P.
G1dB
Zs=Zl=50ohm
17
20
-
dB
Power-added Efficiency at 1dB G.C.P.
Nadd
-
21
-
%
Third Order Intermodulation*
IM3*
*df=10MHz,
-37
-40
-
dBc
Drain Current at 1dB G.C.P.
Iddrf
Po=17dBm (S.C.L.)
-500
700mA
Input Return Loss (at Pin=-20dBm)
RLin
-
-8
-
dB
Output Return Loss (at Pin=-20dBm)
RLout
-
-8
-
dB
Note : RF parameter sample size 10pcs. Criteria (accept/reject)=(0/1)
G.C.P. : Gain Compression Point
S.C.L. : Single Carrier Level
ESD
Note : Based on EIAJ ED-4701 C-111A(C=100pF, R=1.5kΩ)
Item
Symbol
Limits
-40 ~ +85
Rating
10
-3
21
Class 0
~ 199V
-55 ~ +125
Condition
7
12
Test Conditions
http://www.eudyna.com/


유사한 부품 번호 - FMM5826X

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
More results

유사한 설명 - FMM5826X

제조업체부품명데이터시트상세설명
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com