전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C03VP2I-G 데이터시트(PDF) 8 Page - Catalyst Semiconductor

부품명 CAT24C03VP2I-G
상세설명  2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C03VP2I-G 데이터시트(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C03VP2I-G Datasheet HTML 4Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 5Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 6Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 7Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 8Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 9Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 10Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 11Page - Catalyst Semiconductor CAT24C03VP2I-G Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CAT24C03
8
Doc. No. 1113, Rev. A
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READ OPERATIONS
Immediate Address Read
In standby mode, the CAT24C03 internal address counter
points to the data byte immediately following the last byte
accessed by a previous operation. If that ‘previous’ byte
was the last byte in memory, then the address counter
will point to the 1st memory byte, etc.
When, following a START, the CAT24C03 is presented
with a Slave address containing a ‘1’ in the R/W bit
position (Figure 8), it will acknowledge (ACK) in the 9th
clock cycle, and will then transmit data being pointed
at by the internal address counter. The Master can stop
further transmission by issuing a NoACK, followed by a
STOP condition.
Selective Read
The Read operation can also be started at an address
different from the one stored in the internal address coun-
ter. The address counter can be initialized by performing
a ‘dummy’ Write operation (Figure 9). Here the START
is followed by the Slave address (with the R/W bit set
to ‘0’) and the desired byte address. Instead of follow-
ing up with data, the Master then issues a 2nd START,
followed by the ‘Immediate Address Read’ sequence,
as described earlier.
Sequential Read
If the Master acknowledges the 1st data byte transmitted
by the CAT24C03, then the device will continue trans-
mitting as long as each data byte is acknowledged by
the Master (Figure 10). If the end of memory is reached
during sequential Read, then the address counter will
‘wrap-around’to the beginning of memory, etc. Sequential
Read works with either ‘Immediate Address Read’ or
‘Selective Read’, the only difference being the starting
byte address.


유사한 부품 번호 - CAT24C03VP2I-G

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24C03VP2I-G3 CATALYST-CAT24C03VP2I-G3 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03VP2I-GT CATALYST-CAT24C03VP2I-GT Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03VP2I-GT3 CATALYST-CAT24C03VP2I-GT3 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24C03VP2I-GT3 CATALYST-CAT24C03VP2I-GT3 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C03VP2I-GT3 ONSEMI-CAT24C03VP2I-GT3 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
More results

유사한 설명 - CAT24C03VP2I-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com