전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ74HCU04 데이터시트(PDF) 5 Page - Integral Corp.

부품명 IZ74HCU04
상세설명  Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ74HCU04 데이터시트(HTML) 5 Page - Integral Corp.

  IZ74HCU04 Datasheet HTML 1Page - Integral Corp. IZ74HCU04 Datasheet HTML 2Page - Integral Corp. IZ74HCU04 Datasheet HTML 3Page - Integral Corp. IZ74HCU04 Datasheet HTML 4Page - Integral Corp. IZ74HCU04 Datasheet HTML 5Page - Integral Corp. IZ74HCU04 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IN74HCU04
5
TYPICAL APPLICATIONS
Crystal Oscillator
Stable RC Oscillator
R2
1/6HCU04
C1
R2> >R1
C1<C2
Vout
C2
R1
R2
R1
C
1/6HCU04
1/6HCU04
1/6HCU04
Vout
Schmitt Trigger
High Input Single -Stage Amplifier
with a 2 to 6 V Supply Range
R2
R1
Vin
Vout
1/6HCU04 1/6HCU04
R2> 6R1
VCC
INPUT
OUTPUT
1 M
1 M
1/6HCU04
Multi-Stage Amplifier
LED Driver
VCC
INPUT
OUTPUT
1/6HCU04 1/6HCU04 1/6HCU04
+V
1/6HCU04
For reduced power suplly current, use high-efficiency LEDs
such as the Hewlett-Packard HLMP series or equivalent


유사한 부품 번호 - IZ74HCU04

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ74HC157A INTEGRAL-IZ74HC157A Datasheet
62Kb / 6P
   Quad 2-Input Data Selectors/Multiplexer
IZ74HC174A INTEGRAL-IZ74HC174A Datasheet
51Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IZ74HC21A INTEGRAL-IZ74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
IZ74HC221AZ INTEGRAL-IZ74HC221AZ Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
IZ74HCT21A INTEGRAL-IZ74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
More results

유사한 설명 - IZ74HCU04

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC04 SLS-SL74HC04 Datasheet
33Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
SL74HCT14 SLS-SL74HCT14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT14A KODENSHI-KK74HCT14A Datasheet
436Kb / 5P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com