전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7892DP-T1-E3 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI7892DP-T1-E3
상세설명  N-Channel, 30-V (D-S) MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7892DP-T1-E3 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI7892DP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification Comparison
Vishay Siliconix
Document Number 74064
www.vishay.com
06-May-05
Si7892BDP vs. Si7892DP
Description:
N-Channel, 30-V (D-S) MOSFET
Package:
PowerPAK
® SO-8
Pin Out:
Identical
Part Number Replacements:
Si7892BDP-T1-E3 Replaces Si7892DP-T1-E3
Si7892BDP-T1-E3 Replaces Si7892DP-T1
Summary of Performance:
The Si7892BDP is the replacement to the original Si7892DP; both parts perform identically, including limits to the parametric
tables below.
ABSOLUTE MAXIMUM RATINGS (TA = 25oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Si7892BDP
Si7892DP
Unit
Drain-Source Voltage
VDS
30
30
Gate-Source Voltage
VGS
+20
+20
V
TA = 25°C
25
25
Continuous Drain Current
TA = 70°C
ID
20
20
Pulsed Drain Current
IDM
60
60
Continuous Source Current
(MOSFET Diode Conduction)
IS
4.1
4.5
Avalanche Current
L = 0.1 mH
IAS
40
50
A
TA = 25°C
5
5.4
Power Dissipation
TA = 70°C
PD
3.2
3.4
W
Operating Junction & Storage Temperature Range
Tj & Tstg
-55 to 150
-55 to 150
°C
Maximum Junction-to-Ambient
RthJA
25
23
°C/W
SPECIFICATIONS (TJ = 25OC UNLESS OTHERWISE NOTED)
Si7892BDP
Si7892DP
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Static
Gate-Threshold Voltage
VGS(th)
1.0
3.0
1.0
3.0
V
Gate-Body Leakage
IGSS
+100
+100
nA
Zero Gate Voltage Drain Current
IDSS
1
1
µA
On-State Drain Current
VGS = 10 V
ID(on)
30
30
A
VGS= 10 V
0.0034
0.0042
0.0037
0.0045
Drain-Source On-Resistance
VGS = 4.5 V
rDS(on)
0.0047
0.0057
0.0048
0.006
Forward Transconductance
gfs
85
80
S
Diode Forward Voltage
VSD
0.75
1.2
0.75
1.2
V
Dynamic
Input Capacitance
Ciss
3775
NS
Output Capacitance
Coss
630
NS
Reverse Transfer Capacitance
Crss
295
NS
pF
Total Gate Charge
Qg
27
40
25
35
Gate-Source Charge
Qgs
11.4
6.7
Gate-Drain Charge
Qgd
8.1
9.7
nC
Gate Resistance
Rg
0.5
1.2
2.0
0.5
NS
2.4
Switching
td(on)
20
30
17
30
Turn-On Time*
tr
13
20
10
20
td(off)
62
100
65
130
Turn-Off Time*
tf
20
35
35
60
Source-Drain Reverse Recovery Time
trr
40
60
50
80
ns


유사한 부품 번호 - SI7892DP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7892DP-T1 VISHAY-SI7892DP-T1 Datasheet
39Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 18-Aug-03
More results

유사한 설명 - SI7892DP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com