전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR7500D 데이터시트(PDF) 1 Page - DIOTEC Electronics Corporation

부품명 BAR7500D
상세설명  75 AMP JUMBO DIODE CELL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DEC [DIOTEC Electronics Corporation]
홈페이지  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BAR7500D 데이터시트(HTML) 1 Page - DIOTEC Electronics Corporation

  BAR7500D Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Data Sheet No. BUDI-7500D-1A
75 AMP JUMBO DIODE CELL
DIOTEC ELECTRONICS CORP
K27
Die Size:
0.250" Diameter
Round die
R
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)


유사한 부품 번호 - BAR7500D

제조업체부품명데이터시트상세설명
logo
DIOTEC Electronics Corp...
BAR7500 DEC-BAR7500 Datasheet
247Kb / 1P
   75 AMP BUTTON DIODES
BAR7500S DEC-BAR7500S Datasheet
248Kb / 1P
   75 AMP BUTTON DIODES
More results

유사한 설명 - BAR7500D

제조업체부품명데이터시트상세설명
logo
DIOTEC Electronics Corp...
BUDI-7500D-1A DEC-BUDI-7500D-1A Datasheet
59Kb / 1P
   75 AMP JUMBO DIODE CELL
BAR5001D DEC-BAR5001D Datasheet
245Kb / 1P
   50 AMP JUMBO DIODE CELL
BUDI-5000D-1A DEC-BUDI-5000D-1A Datasheet
59Kb / 1P
   50 AMP JUMBO DIODE CELL
BAR6001D DEC-BAR6001D Datasheet
246Kb / 1P
   60 AMP JUMBO DIODE CELL
BUDI-6000D-1A DEC-BUDI-6000D-1A Datasheet
59Kb / 1P
   60 AMP JUMBO DIODE CELL
logo
MIC GROUP RECTIFIERS
JSOZA501 MIC-JSOZA501 Datasheet
38Kb / 2P
   JUMBO SOZA CELL
JSOZAA70Z MIC-JSOZAA70Z Datasheet
20Kb / 1P
   JUMBO SOZA CELL
JSOZAA50Z MIC-JSOZAA50Z Datasheet
20Kb / 1P
   JUMBO SOZA CELL
JSOZAA70L MIC-JSOZAA70L Datasheet
20Kb / 1P
   JUMBO SOZA CELL
JSOZAA50L MIC-JSOZAA50L Datasheet
20Kb / 1P
   JUMBO SOZA CELL
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com